Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC461MHR4-95G Datasheet (PDF) - Marktech Corporate

LC461MHR4-95G Datasheet PDF - Marktech Corporate
Part # LC461MHR4-95G
Download  LC461MHR4-95G Download

File Size   59.99 Kbytes
Page   3 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Red 95 5mm LED lamp with tinted diffused lens and stand offs.

LC461MHR4-95G Datasheet (PDF)

Go To PDF Page Download Datasheet
LC461MHR4-95G Datasheet PDF - Marktech Corporate

Part # LC461MHR4-95G
Download  LC461MHR4-95G Click to download

File Size   59.99 Kbytes
Page   3 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Red 95 5mm LED lamp with tinted diffused lens and stand offs.

LC461MHR4-95G Datasheet (HTML) - Marktech Corporate

LC461MHR4-95G Datasheet HTML 1Page - Marktech Corporate LC461MHR4-95G Datasheet HTML 2Page - Marktech Corporate LC461MHR4-95G Datasheet HTML 3Page - Marktech Corporate

LC461MHR4-95G Product details

Product Description: Red 95º 5mm LED lamp with tinted diffused lens and stand offs.

Resin: Epoxy
Lens Color: Tinted Diffused
Lead Frame: Ag Plating Copper Alloy
Dice: AlGaInP




Similar Part No. - LC461MHR4-95G

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC461MBL4-95G MARKTECH-LC461MBL4-95G Datasheet
62Kb / 3P
   Blue 95 4mm LED lamp with tinted diffused lens and stand offs.
LC461MPG4-95G MARKTECH-LC461MPG4-95G Datasheet
61Kb / 3P
   Green 95 5mm LED lamp with tinted diffused lens and stand offs
More results


Similar Description - LC461MHR4-95G

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC461MPG4-95G MARKTECH-LC461MPG4-95G Datasheet
61Kb / 3P
   Green 95 5mm LED lamp with tinted diffused lens and stand offs
LC461MBL4-95G MARKTECH-LC461MBL4-95G Datasheet
62Kb / 3P
   Blue 95 4mm LED lamp with tinted diffused lens and stand offs.
LO484THR4-B0G MARKTECH-LO484THR4-B0G Datasheet
47Kb / 3P
   Red 100 Elliptical LED lamp with tinted diffused lens and stand offs.
LO484NHR4-B0G MARKTECH-LO484NHR4-B0G Datasheet
45Kb / 3P
   Red 100 Elliptical LED lamp with tinted diffused lens and stand offs.
LO481MBL4-B0P MARKTECH-LO481MBL4-B0P Datasheet
56Kb / 3P
   Blue 110 oval LED lamp with tinted diffused lens and stand offs.
LO484TYL4-B0G MARKTECH-LO484TYL4-B0G Datasheet
47Kb / 3P
   Yellow 100 Elliptical LED lamp with tinted diffused lens and stand offs.
LO561MSO3-75P MARKTECH-LO561MSO3-75P Datasheet
61Kb / 3P
   Orange 75 Oval LED lamp with tinted transparent lens and stand offs.
LO561MYL3-75P MARKTECH-LO561MYL3-75P Datasheet
68Kb / 3P
   Yellow 75 Oval LED lamp with tinted transparent lens and stand offs.
logo
Lucky Light Electronic
GB-333F LUCKY-LIGHT-GB-333F Datasheet
42Kb / 1P
   Round Type With Stand-offs LED Lamps (5mm)
logo
List of Unclassifed Man...
SSL-LX5093BHD ETC1-SSL-LX5093BHD Datasheet
48Kb / 1P
   T-5mm BUNKING 700mm RED LED RED DIFFUSED LENS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com