Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSS40501UW3 Datasheet (PDF) - ON Semiconductor

NSS40501UW3 Datasheet PDF - ON Semiconductor
Part # NSS40501UW3_13
Download  NSS40501UW3 Download

File Size   109.91 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 40 V, 5.0 A, Low VCE(sat) NPN Transistor

NSS40501UW3 Datasheet (PDF)

Go To PDF Page Download Datasheet
NSS40501UW3 Datasheet PDF - ON Semiconductor

Part # NSS40501UW3_13
Download  NSS40501UW3 Click to download

File Size   109.91 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 40 V, 5.0 A, Low VCE(sat) NPN Transistor

NSS40501UW3 Datasheet (HTML) - ON Semiconductor

NSS40501UW3_13 Datasheet HTML 1Page - ON Semiconductor NSS40501UW3_13 Datasheet HTML 2Page - ON Semiconductor NSS40501UW3_13 Datasheet HTML 3Page - ON Semiconductor NSS40501UW3_13 Datasheet HTML 4Page - ON Semiconductor NSS40501UW3_13 Datasheet HTML 5Page - ON Semiconductor



Similar Part No. - NSS40501UW3_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS40501UW3T2G ONSEMI-NSS40501UW3T2G Datasheet
84Kb / 5P
   40 V, 7.0 A, Low VCE(sat) NPN Transistor
June, 2007 - Rev. 3
NSS40501UW3T2G ONSEMI-NSS40501UW3T2G Datasheet
109Kb / 5P
   NPN Transistor
August, 2013 ??Rev. 5
More results


Similar Description - NSS40501UW3_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS40500UW3T2G ONSEMI-NSS40500UW3T2G_12 Datasheet
108Kb / 5P
   40 V, 5.0 A, Low VCE(sat) PNP Transistor
August, 2013 ??Rev. 5
NSS40501UW3T2G ONSEMI-NSS40501UW3T2G Datasheet
84Kb / 5P
   40 V, 7.0 A, Low VCE(sat) NPN Transistor
June, 2007 - Rev. 3
NSS40201LT1G ONSEMI-NSS40201LT1G Datasheet
131Kb / 5P
   40 V, 4.0 A, Low VCE(sat) NPN Transistor
August, 2009 ??Rev. 5
NSS40201LT1G ONSEMI-NSS40201LT1G_13 Datasheet
107Kb / 6P
   40 V, 2.0 A, Low VCE(sat) NPN Transistor
June, 2013 ??Rev. 8
NSS40301MDR2G ONSEMI-NSS40301MDR2G Datasheet
123Kb / 6P
   Dual Matched 40 V, 6.0 A, Low VCE(sat) NPN Transistor
May, 2008 ??Rev. 1
NSS40200LT1G ONSEMI-NSS40200LT1G Datasheet
102Kb / 5P
   40 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS40400CF8T1G ONSEMI-NSS40400CF8T1G Datasheet
48Kb / 4P
   40 V, 7 A, Low VCE(sat) PNP Transistor
January, 2006 ??Rev. 0
NSS40600CF8T1G ONSEMI-NSS40600CF8T1G Datasheet
103Kb / 5P
   40 V, 7.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSV40200LT1G ONSEMI-NSV40200LT1G Datasheet
119Kb / 6P
   40 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2013 ??Rev. 13
NSS40200UW6T1G ONSEMI-NSS40200UW6T1G Datasheet
66Kb / 5P
   40 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com