Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK9K35-60E Datasheet (PDF) - NXP Semiconductors

BUK9K35-60E Datasheet PDF - NXP Semiconductors
Part # BUK9K35-60E_15
Download  BUK9K35-60E Download

File Size   253.23 Kbytes
Page   13 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual N-channel 60 V, 35 m廓 logic level MOSFET

BUK9K35-60E Datasheet (PDF)

Go To PDF Page Download Datasheet
BUK9K35-60E Datasheet PDF - NXP Semiconductors

Part # BUK9K35-60E_15
Download  BUK9K35-60E Click to download

File Size   253.23 Kbytes
Page   13 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual N-channel 60 V, 35 m廓 logic level MOSFET

BUK9K35-60E Datasheet (HTML) - NXP Semiconductors

Back Button BUK9K35-60E_15 Datasheet HTML 1Page - NXP Semiconductors BUK9K35-60E_15 Datasheet HTML 2Page - NXP Semiconductors BUK9K35-60E_15 Datasheet HTML 3Page - NXP Semiconductors BUK9K35-60E_15 Datasheet HTML 4Page - NXP Semiconductors BUK9K35-60E_15 Datasheet HTML 5Page - NXP Semiconductors BUK9K35-60E_15 Datasheet HTML 6Page - NXP Semiconductors BUK9K35-60E_15 Datasheet HTML 7Page - NXP Semiconductors BUK9K35-60E_15 Datasheet HTML 8Page - NXP Semiconductors BUK9K35-60E_15 Datasheet HTML 9Page - NXP Semiconductors BUK9K35-60E_15 Datasheet HTML 10Page - NXP Semiconductors Next Button 



Similar Part No. - BUK9K35-60E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9K35-60E NEXPERIA-BUK9K35-60E Datasheet
738Kb / 13P
   Dual N-channel 60 V, 35 m廓 logic level MOSFET
More results


Similar Description - BUK9K35-60E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9K35-60E NEXPERIA-BUK9K35-60E Datasheet
738Kb / 13P
   Dual N-channel 60 V, 35 m廓 logic level MOSFET
BUK9K17-60E NEXPERIA-BUK9K17-60E Datasheet
750Kb / 13P
   Dual N-channel 60 V, 17 m廓 logic level MOSFET
BUK9K52-60E NEXPERIA-BUK9K52-60E Datasheet
741Kb / 13P
   Dual N-channel 60 V, 55 m廓 logic level MOSFET
BUK9K12-60E NEXPERIA-BUK9K12-60E Datasheet
723Kb / 13P
   Dual N-channel 60 V, 11.5 m廓 logic level MOSFET
BUK9K13-60E NEXPERIA-BUK9K13-60E Datasheet
725Kb / 13P
   Dual N-channel 60 V, 12.5 m廓 logic level MOSFET
BUK9M35-80E NEXPERIA-BUK9M35-80E Datasheet
722Kb / 13P
   N-channel 80 V, 35 m廓 logic level MOSFET in LFPAK33
logo
NXP Semiconductors
BUK9K52-60E PHILIPS-BUK9K52-60E_15 Datasheet
259Kb / 13P
   Dual N-channel 60 V, 55 m logic level MOSFET
24 February 2015
BUK9K12-60E PHILIPS-BUK9K12-60E_15 Datasheet
287Kb / 13P
   Dual N-channel 60 V, 11.5 m logic level MOSFET
8 May 2014
BUK9K17-60E PHILIPS-BUK9K17-60E_15 Datasheet
324Kb / 13P
   Dual N-channel 60 V, 17 m logic level MOSFET
19 March 2014
BUK9Y59-60E NXP-BUK9Y59-60E Datasheet
322Kb / 13P
   N-channel 60 V, 59 m廓 logic level MOSFET in LFPAK56
20 February 2013
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com