Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS16 Datasheet (PDF) - Micro Commercial Components

BAS16 Datasheet PDF - Micro Commercial Components
Part # BAS16
Download  BAS16 Download

File Size   80.08 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 350mW 100Volt Switching Diode

BAS16 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS16 Datasheet PDF - Micro Commercial Components

Part # BAS16
Download  BAS16 Click to download

File Size   80.08 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 350mW 100Volt Switching Diode

BAS16 Datasheet (HTML) - Micro Commercial Components

BAS16 Datasheet HTML 1Page - Micro Commercial Components BAS16 Datasheet HTML 2Page - Micro Commercial Components

BAS16 Product details

Features
• Low Current Leakage
• Low Cost
• Small Outline Surface Mount Package
• Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL Rating 1
• Marking :A6




Similar Part No. - BAS16

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAS16 TSC-BAS16 Datasheet
96Kb / 2P
   225mW SMD Switching Diode
logo
Pan Jit International I...
BAS16 PANJIT-BAS16 Datasheet
102Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Galaxy Semi-Conductor H...
BAS16 BILIN-BAS16 Datasheet
173Kb / 3P
   Surface mount switching diode
logo
SHENZHEN YONGERJIA INDU...
BAS16 WINNERJOIN-BAS16 Datasheet
179Kb / 2P
   SOT-23 Plastic-Encapsulate DIODE
logo
Infineon Technologies A...
BAS16 INFINEON-BAS16 Datasheet
517Kb / 10P
   Silicon Switching Diode
Dec-04-2003
More results


Similar Description - BAS16

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BAS16 CHENYI-BAS16 Datasheet
49Kb / 2P
   350mW 100Volt Switching Diode
logo
Micro Commercial Compon...
BAS16 MCC-BAS16_13 Datasheet
201Kb / 3P
   350mW 100Volt Switching Diode
BAS16-TP MCC-BAS16-TP Datasheet
201Kb / 3P
   350mW 100Volt Switching Diode
BAS16 MCC-BAS16_11 Datasheet
161Kb / 3P
   350mW 100Volt Switching Diode
MMBD7000 MCC-MMBD7000 Datasheet
80Kb / 2P
   350mW 100Volt Dual Switching Diode
logo
Shanghai Lunsure Electr...
MMBD4148 CHENYI-MMBD4148 Datasheet
59Kb / 3P
   350mW 100volt silicon epitaxial diode
logo
Micro Commercial Compon...
1N4448 MCC-1N4448_11 Datasheet
427Kb / 4P
   500mW 100Volt Switching Diode
1N4448 MCC-1N4448 Datasheet
77Kb / 3P
   500mW 100Volt Switching Diode
logo
Shanghai Lunsure Electr...
DL4448 CHENYI-DL4448 Datasheet
330Kb / 3P
   500mw 100volt switching diode
logo
Micro Commercial Compon...
DL4448 MCC-DL4448 Datasheet
351Kb / 3P
   500mW 100Volt Switching Diode
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com