Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE13A Datasheet (PDF) - Micro Commercial Components

P4KE13A Datasheet PDF - Micro Commercial Components
Part # P4KE13A
Download  P4KE13A Download

File Size   53.9 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 400 Watt Transient Voltage Suppressors 6.8 to 400 Volts

P4KE13A Datasheet (PDF)

Go To PDF Page Download Datasheet
P4KE13A Datasheet PDF - Micro Commercial Components

Part # P4KE13A
Download  P4KE13A Click to download

File Size   53.9 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 400 Watt Transient Voltage Suppressors 6.8 to 400 Volts

P4KE13A Datasheet (HTML) - Micro Commercial Components

P4KE13A Datasheet HTML 1Page - Micro Commercial Components P4KE13A Datasheet HTML 2Page - Micro Commercial Components P4KE13A Datasheet HTML 3Page - Micro Commercial Components

P4KE13A Product details

Features
• Unidirectional And Bidirectional
• Low Inductance
• High Temp Soldering: 250°C for 10 Seconds At Terminals
• For Bidirectional Devices Add “C” To The Suffix Of The Part Number: i.e.
   P4KE6.8C or P4KE6.8CA for 5% Tolerance Devices




Similar Part No. - P4KE13A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
P4KE13A GOOD-ARK-P4KE13A Datasheet
245Kb / 4P
   Transient Voltage Suppressors
logo
Shanghai Leiditech Elec...
P4KE13A LEIDITECH-P4KE13A Datasheet
1Mb / 5P
   400W Transient Voltage Suppressor
logo
Pan Jit International I...
P4KE13A PANJIT-P4KE13A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Vishay Siliconix
P4KE13A VISHAY-P4KE13A Datasheet
86Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
logo
Taiwan Semiconductor Co...
P4KE13A TSC-P4KE13A Datasheet
224Kb / 6P
   400 Watts Transient Voltage Suppressor Low Dynamic impedance
More results


Similar Description - P4KE13A

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8-DO41 YFWDIODE-P4KE6.8-DO41 Datasheet
405Kb / 3P
   400 Watt Transient Voltage Suppressors 6.8 to 400 Volts
logo
Micro Commercial Compon...
P4KE6.8A MCC-P4KE6.8A_11 Datasheet
708Kb / 4P
   400 Watt Transient Voltage Suppressors 6.8 to 550 Volts
logo
DONGGUAN YOU FENG WEI E...
1.5KE6.8-DO27 YFWDIODE-1.5KE6.8-DO27 Datasheet
1,020Kb / 6P
   1500 Watt TRANSIENT Voltage Suppressors 6.8 to 400 Volts
logo
Micro Commercial Compon...
SMAJP4KE6.8A MCC-SMAJP4KE6.8A Datasheet
301Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 400 Watt
logo
Shanghai Lunsure Electr...
P4KE6.8 CHENYI-P4KE6.8 Datasheet
70Kb / 3P
   400 Watt Transient voltage suppressors 6.8to400 volts
logo
Micro Commercial Compon...
SMAJ5.0 MCC-SMAJ5.0 Datasheet
165Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
SMAJ5.0 MCC-SMAJ5.0_11 Datasheet
236Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
P4SMAJ50 MCC-P4SMAJ50 Datasheet
704Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 170 Volts
logo
DONGGUAN YOU FENG WEI E...
1.5KE6.8 YFWDIODE-1.5KE6.8 Datasheet
433Kb / 6P
   1500 Transieny Voltage Suppressors 6.8 to 400 Volts
logo
UNIOHM CORPORATION
P4KE UNIOHM-P4KE Datasheet
89Kb / 4P
   400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com