Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGP15K Datasheet (PDF) - Micro Commercial Components

RGP15K Datasheet PDF - Micro Commercial Components
Part # RGP15K
Download  RGP15K Download

File Size   83.71 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1.5 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts

RGP15K Datasheet (PDF)

Go To PDF Page Download Datasheet
RGP15K Datasheet PDF - Micro Commercial Components

Part # RGP15K
Download  RGP15K Click to download

File Size   83.71 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1.5 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts

RGP15K Datasheet (HTML) - Micro Commercial Components

RGP15K Datasheet HTML 1Page - Micro Commercial Components RGP15K Datasheet HTML 2Page - Micro Commercial Components RGP15K Datasheet HTML 3Page - Micro Commercial Components

RGP15K Product details

Features
· High temperature metallurgically bonded construction
· Glass passivated cavity-free junction
· 1.5 amperes operation at T A= 55°C and with no thermal runaway.
· Typical IR less than 0.1uA

Maximum Ratings
· Operating Temperature: -55°C to +150°C
· Storage Temperature: -55°C to +150°C
· Typical Thermal Resistance: 45°C/W Junction to Ambient




Similar Part No. - RGP15K

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP15K ZOWIE-RGP15K Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15K EIC-RGP15K Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
General Semiconductor
RGP15K GE-RGP15K Datasheet
64Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
RGP15K VISHAY-RGP15K Datasheet
76Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
logo
List of Unclassifed Man...
RGP15K ETC-RGP15K Datasheet
45Kb / 2P
   1.5 Amp. Glass Passivated Fast Recovery Rectifier
More results


Similar Description - RGP15K

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GP15A MCC-GP15A Datasheet
80Kb / 3P
   1.5 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
RGP30A MCC-RGP30A Datasheet
82Kb / 3P
   3.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
RGP10A MCC-RGP10A Datasheet
85Kb / 3P
   1.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
RGP20A MCC-RGP20A Datasheet
83Kb / 3P
   2.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
FR151GP MCC-FR151GP_11 Datasheet
757Kb / 4P
   1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR151GP MCC-FR151GP Datasheet
83Kb / 3P
   1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR151GP MCC-FR151GP_13 Datasheet
780Kb / 4P
   1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
RGP10A CHENYI-RGP10A Datasheet
56Kb / 3P
   1.0Amp glass passivated junction fast recovery rectifiers 50 to 1000 volts
logo
Micro Commercial Compon...
GP30A MCC-GP30A Datasheet
80Kb / 3P
   3.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
GP10A MCC-GP10A Datasheet
84Kb / 3P
   1.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com