Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0638278800 Datasheet (PDF) - Molex Electronics Ltd.

0638278800 Datasheet PDF - Molex Electronics Ltd.
Part # 0638278800
Download  0638278800 Download

File Size   61.52 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Hand Crimp Tool for S8 and T20 Single Contact Bulb Socket Terminal

0638278800 Datasheet (PDF)

Go To PDF Page Download Datasheet
0638278800 Datasheet PDF - Molex Electronics Ltd.

Part # 0638278800
Download  0638278800 Click to download

File Size   61.52 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Hand Crimp Tool for S8 and T20 Single Contact Bulb Socket Terminal

0638278800 Datasheet (HTML) - Molex Electronics Ltd.

0638278800 Datasheet HTML 1Page - Molex Electronics Ltd.



Similar Part No. - 0638278800

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638278200 MOLEX-0638278200 Datasheet
20Kb / 1P
   Hand Crimp Tool for ValuSeal Terminals, 16 AWG UL1061, 18 AWG UL1007 and 18 AWG UL1095 Wires
8/25/2022
0638278400 MOLEX11-0638278400 Datasheet
29Kb / 1P
   Hand Crimp Tool for Vertical Solder Relief (VSR) Direct-Solder Crimp Terminals, 22-26 AWG
0638278500 MOLEX-0638278500 Datasheet
28Kb / 1P
   Hand Crimp Tool for Ditto Wing Hermaphroditic Interconnects Terminal, 20–22 AWG
08/26/2022
0638278600 MOLEX-0638278600 Datasheet
28Kb / 1P
   Hand Crimp Tool for Ditto Wing Hermaphroditic Interconnects Terminal, 24–26 AWG
08/26/2022
0638278700 MOLEX11-0638278700 Datasheet
61Kb / 1P
   Hand Crimp Tool for S8 and T20 Sealed Single Contact Bulb Socket Terminal
More results


Similar Description - 0638278800

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638278700 MOLEX11-0638278700 Datasheet
61Kb / 1P
   Hand Crimp Tool for S8 and T20 Sealed Single Contact Bulb Socket Terminal
ATS-639039100 MOLEX-ATS-639039100 Datasheet
653Kb / 5P
   Fine Adjust Applicator Sealed Single Contact Terminal for S8 and T20
02-26-16
0638195000 MOLEX-0638195000 Datasheet
35Kb / 1P
   Hand Crimp Tool for Bulb Socket Positive Terminal
11/02/2021
63819-5000 MOLEX11-63819-5000 Datasheet
38Kb / 1P
   Hand Crimp Tool for Bulb Socket Positive Terminal
ATS-6382788HM MOLEX-ATS-6382788HM Datasheet
1Mb / 8P
   Hand Crimp Tool for Single Contact Terminal
06-04-15
63827-8800 MOLEX-63827-8800 Datasheet
1Mb / 8P
   Hand Crimp Tool for Single Contact Terminal
06-04-15
0638194900 MOLEX-0638194900 Datasheet
35Kb / 1P
   Hand Crimp Tool for Bulb Socket Contact Terminal for 0.50 to 0.85mm짼 AWG
11/02/2021
0638194900 MOLEX11-0638194900 Datasheet
33Kb / 1P
   Hand Crimp Tool for Bulb Socket Contact Terminal for 0.50 to 0.85mm AWG
0638195100 MOLEX-0638195100 Datasheet
35Kb / 1P
   Hand Crimp Tool for Bulb Socket Terminals
11/02/2021
63819-5100 MOLEX11-63819-5100 Datasheet
38Kb / 1P
   Hand Crimp Tool for Bulb Socket Terminals
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com