Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23C4000-90 Datasheet (PDF) - Macronix International

23C4000-90 Datasheet PDF - Macronix International
Part # 23C4000-90
Download  23C4000-90 Download

File Size   633.64 Kbytes
Page   9 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 4M-BIT MASK ROM (8 BIT OUTPUT)

23C4000-90 Datasheet (PDF)

Go To PDF Page Download Datasheet
23C4000-90 Datasheet PDF - Macronix International

Part # 23C4000-90
Download  23C4000-90 Click to download

File Size   633.64 Kbytes
Page   9 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 4M-BIT MASK ROM (8 BIT OUTPUT)

23C4000-90 Datasheet (HTML) - Macronix International

23C4000-90 Datasheet HTML 1Page - Macronix International 23C4000-90 Datasheet HTML 2Page - Macronix International 23C4000-90 Datasheet HTML 3Page - Macronix International 23C4000-90 Datasheet HTML 4Page - Macronix International 23C4000-90 Datasheet HTML 5Page - Macronix International 23C4000-90 Datasheet HTML 6Page - Macronix International 23C4000-90 Datasheet HTML 7Page - Macronix International 23C4000-90 Datasheet HTML 8Page - Macronix International 23C4000-90 Datasheet HTML 9Page - Macronix International

23C4000-90 Product details

FEATURES
• Bit organization
    - 512K x 8 (byte mode)
• Fast access time
    - Random access: 90ns (max.)
• Current
    - Operating: 35mA
    - Standby: 100uA
• Supply voltage
    - 5V ± 10%
• Package
    - 32 pin PDIP (600 mil)
    - 32 pin PLCC
    - 32 pin SOP (450 mil)
    - 32 pin TSOP (8mm x 20mm)




Similar Part No. - 23C4000-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
23C4100-10 MCNIX-23C4100-10 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
23C4100-12 MCNIX-23C4100-12 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
23C4100-15 MCNIX-23C4100-15 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
More results


Similar Description - 23C4000-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L4000 MCNIX-MX23L4000 Datasheet
329Kb / 7P
   4M-BIT MASK ROM (8 BIT OUTPUT)
MX23L4100 MCNIX-MX23L4100 Datasheet
457Kb / 7P
   4M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23L8000 MCNIX-MX23L8000 Datasheet
329Kb / 7P
   8M-BIT MASK ROM (8 BIT OUTPUT)
23C1010 MCNIX-23C1010 Datasheet
116Kb / 7P
   1M-BIT MASK ROM (8 BIT OUTPUT)
23C2000 MCNIX-23C2000 Datasheet
58Kb / 8P
   2M-BIT MASK ROM (8 BIT OUTPUT)
logo
King blillion Electroni...
HF88M32B KB-HF88M32B Datasheet
365Kb / 15P
   command interfaced 4M x 8 bit Mask ROM
logo
Macronix International
MX23C8100 MCNIX-MX23C8100 Datasheet
731Kb / 9P
   8M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23L8111 MCNIX-MX23L8111 Datasheet
772Kb / 11P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
MX23C3210 MCNIX-MX23C3210_99 Datasheet
118Kb / 8P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
MX23L3211 MCNIX-MX23L3211 Datasheet
488Kb / 10P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com