Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

29F040-90 Datasheet (PDF) - Macronix International

29F040-90 Datasheet PDF - Macronix International
Part # 29F040-90
Download  29F040-90 Download

File Size   592.2 Kbytes
Page   40 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY

29F040-90 Datasheet (PDF)

Go To PDF Page Download Datasheet
29F040-90 Datasheet PDF - Macronix International

Part # 29F040-90
Download  29F040-90 Click to download

File Size   592.2 Kbytes
Page   40 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY

29F040-90 Datasheet (HTML) - Macronix International

Back Button 29F040-90 Datasheet HTML 1Page - Macronix International 29F040-90 Datasheet HTML 2Page - Macronix International 29F040-90 Datasheet HTML 3Page - Macronix International 29F040-90 Datasheet HTML 4Page - Macronix International 29F040-90 Datasheet HTML 5Page - Macronix International 29F040-90 Datasheet HTML 6Page - Macronix International 29F040-90 Datasheet HTML 7Page - Macronix International 29F040-90 Datasheet HTML 8Page - Macronix International 29F040-90 Datasheet HTML 9Page - Macronix International 29F040-90 Datasheet HTML 10Page - Macronix International Next Button 

29F040-90 Product details

GENERAL DESCRIPTION
The MX29F040 is a 4-mega bit Flash memory organized as 512K bytes of 8 bits. MXICs Flash memories offer the most cost-effective and reliable read/write non-volatile random access memory. The MX29F040 is packaged in 32-pin PLCC, TSOP, PDIP. It is designed to be reprogrammed and erased in system or in standard EPROM programmers.

FEATURES
• 524,288 x 8 only
• Single power supply operation
    - 5.0V only operation for read, erase and program operation
• Fast access time: 55/70/90/120ns
• Low power consumption
    - 30mA maximum active current(5MHz)
    - 1uA typical standby current
• Command register architecture
    - Byte Programming (7us typical)
    - Sector Erase 8 equal sectors of 64K-Byte each
• Auto Erase (chip & sector) and Auto Program
    - Automatically erase any combination of sectors with Erase Suspend capability.
    - Automatically program and verify data at specified address
• Erase suspend/Erase Resume
    - Suspends an erase operation to read data from, or program data to, another sector that is not being erased, then resumes the erase.
• Status Reply
    - Data polling & Toggle bit for detection of program and erase cycle completion.
• Sector protect/unprotect for 5V only system or 5V/ 12V system.
• Sector protection
    - Hardware method to disable any combination of sectors from program or erase operations
• 100,000 minimum erase/program cycles
• Latch-up protected to 100mA from -1V to VCC+1V
• Low VCC write inhibit is equal to or less than 3.2V
• Package type:
    - 32-pin PLCC, TSOP or PDIP
• Compatibility with JEDEC standard
    - Pinout and software compatible with single-power supply Flash
• 20 years data retention




Similar Part No. - 29F040-90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
29F040 STMICROELECTRONICS-29F040 Datasheet
232Kb / 31P
   4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
logo
Advanced Micro Devices
29F040 AMD-29F040 Datasheet
394Kb / 30P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Maxwell Technologies
29F0408 MAXWELL-29F0408 Datasheet
941Kb / 33P
   32 Megabit (4M x 8-Bit) Flash Memory
29F0408RPFB MAXWELL-29F0408RPFB Datasheet
941Kb / 33P
   32 Megabit (4M x 8-Bit) Flash Memory
29F0408RPFE MAXWELL-29F0408RPFE Datasheet
941Kb / 33P
   32 Megabit (4M x 8-Bit) Flash Memory
More results


Similar Description - 29F040-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F4000 MCNIX-MX29F4000 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F004T MCNIX-MX29F004T Datasheet
587Kb / 39P
   4M-BIT [512KX8] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV033A ETC1-MX29LV033A Datasheet
348Kb / 56P
   32M-BIT [4M x 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29LV640BU MCNIX-MX29LV640BU Datasheet
492Kb / 64P
   64M-BIT [4M x 16] CMOS EQUAL SECTOR FLASH MEMORY
MX29F400T MCNIX-MX29F400T Datasheet
710Kb / 44P
   4M-BIT [512Kx8/256Kx16] CMOS FLASH MEMORY
MX29F400CT MCNIX-MX29F400CT Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
MX29LV040C MCNIX-MX29LV040C Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29LV040 MCNIX-MX29LV040 Datasheet
713Kb / 51P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29F040C MCNIX-MX29F040C Datasheet
581Kb / 38P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY
MX29F080 MCNIX-MX29F080 Datasheet
664Kb / 38P
   8M-BIT [1024K x 8] CMOS EQUAL SECTOR FLASH MEMORY
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com