Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9C103PZ Datasheet (PDF) - Intersil Corporation

X9C103PZ Datasheet PDF - Intersil Corporation
Part # X9C103PZ
Download  X9C103PZ Download

File Size   237.95 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digitally Controlled Potentiometer

X9C103PZ Datasheet (PDF)

Go To PDF Page Download Datasheet
X9C103PZ Datasheet PDF - Intersil Corporation

Part # X9C103PZ
Download  X9C103PZ Click to download

File Size   237.95 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digitally Controlled Potentiometer

X9C103PZ Datasheet (HTML) - Intersil Corporation

X9C103PZ Datasheet HTML 1Page - Intersil Corporation X9C103PZ Datasheet HTML 2Page - Intersil Corporation X9C103PZ Datasheet HTML 3Page - Intersil Corporation X9C103PZ Datasheet HTML 4Page - Intersil Corporation X9C103PZ Datasheet HTML 5Page - Intersil Corporation X9C103PZ Datasheet HTML 6Page - Intersil Corporation X9C103PZ Datasheet HTML 7Page - Intersil Corporation X9C103PZ Datasheet HTML 8Page - Intersil Corporation X9C103PZ Datasheet HTML 9Page - Intersil Corporation X9C103PZ Datasheet HTML 10Page - Intersil Corporation

X9C103PZ Product details

The X9C102, X9C103, X9C104, X9C503 are Intersils’
digitally controlled (XDCP) potentiometers. The device
consists of a resistor array, wiper switches, a control section,
and non-volatile memory. The wiper position is controlled by
a three-wire interface.
The potentiometer is implemented by a resistor array
composed of 99 resistive elements and a wiper switching
network. Between each element and at either end are tap
points accessible to the wiper terminal. The position of the
wiper element is controlled by the CS, U/D, and INC inputs.
The position of the wiper can be stored in non-volatile
memory and then be recalled upon a subsequent power-up
operation.
The device can be used as a three-terminal potentiometer or
as a two-terminal variable resistor in a wide variety of
applications ranging from control to signal processing to
parameter adjustment.

Features
• Solid-State Potentiometer
• Three-Wire Serial Interface
• 100 Wiper Tap Points
- Wiper Position Stored in Non-volatile Memory and
Recalled on Power-up
• 99 Resistive Elements
- Temperature Compensated
- End-to-End Resistance, ±20%
- Terminal Voltages, ±5V
• Low Power CMOS
- VCC = 5V
- Active Current, 3mA max.
- Standby Current, 750µA max.
• High Reliability
- Endurance, 100,000 Data Changes per Bit
- Register Data Retention, 100 years
• X9C102 = 1kΩ
• X9C103 = 10kΩ
• X9C503 = 50kΩ
• X9C104 = 100kΩ
• Packages
- 8 Ld SOIC
- 8 Ld PDIP
• Pb-Free Available (RoHS Compliant)




Similar Part No. - X9C103PZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C103PZ INTERSIL-X9C103PZ Datasheet
257Kb / 11P
   Digitally Controlled Pot (XDCP)
X9C103PZ INTERSIL-X9C103PZ Datasheet
248Kb / 11P
   Digitally Controlled Potentiometer
X9C103PZ INTERSIL-X9C103PZ Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C103PZ INTERSIL-X9C103PZ Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C103PZ INTERSIL-X9C103PZ Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results


Similar Description - X9C103PZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com