Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9119TV14 Datasheet (PDF) - Intersil Corporation

X9119TV14 Datasheet PDF - Intersil Corporation
Part # X9119TV14
Download  X9119TV14 Download

File Size   284.42 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Digitally-Controlled Potentiometer

X9119TV14 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9119TV14 Datasheet PDF - Intersil Corporation

Part # X9119TV14
Download  X9119TV14 Click to download

File Size   284.42 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Digitally-Controlled Potentiometer

X9119TV14 Datasheet (HTML) - Intersil Corporation

Back Button X9119TV14 Datasheet HTML 1Page - Intersil Corporation X9119TV14 Datasheet HTML 2Page - Intersil Corporation X9119TV14 Datasheet HTML 3Page - Intersil Corporation X9119TV14 Datasheet HTML 4Page - Intersil Corporation X9119TV14 Datasheet HTML 5Page - Intersil Corporation X9119TV14 Datasheet HTML 6Page - Intersil Corporation X9119TV14 Datasheet HTML 7Page - Intersil Corporation X9119TV14 Datasheet HTML 8Page - Intersil Corporation X9119TV14 Datasheet HTML 9Page - Intersil Corporation X9119TV14 Datasheet HTML 10Page - Intersil Corporation Next Button 

X9119TV14 Product details

The X9119 integrates a single digitally controlled
potentiometer (XDCP™) on a monolithic CMOS integrated
circuit.
The digital controlled potentiometer is implemented using
1023 resistive elements in a series array. Between each
element are tap points connected to the wiper terminal
through switches. The position of the wiper on the array is
controlled by the user through the 2-wire bus interface. The
potentiometer has associated with it a volatile Wiper Counter
Register (WCR) and a four non-volatile Data Registers that
can be directly written to and read by the user. The contents
of the WCR controls the position of the wiper on the resistor
array though the switches. Powerup recalls the contents of
the default data register (DR0) to the WCR.
The XDCP™ can be used as a three-terminal potentiometer
or as a two terminal variable resistor in a wide variety of
applications including control, parameter adjustments, and
signal processing.

Features
• 1024 Resistor Taps – 10-Bit Resolution
• 2-Wire Serial Interface for Write, Read, and
Transfer Operations of the Potentiometer
• Wiper Resistance, 40Ω Typical @ VCC = 5V
• Four Non-Volatile Data Registers
• Non-Volatile Storage of Multiple Wiper Positions
• Power-on Recall. Loads Saved Wiper Position on
Power-up.
• Standby Current < 3µA Max
• VCC: 2.7V to 5.5V Operation
• 100kΩ End-to-End Resistance
• 100 yr. Data Retention
• Endurance: 100,000 Data Changes Per Bit Per Register
• 14 Ld TSSOP
• Low Power CMOS
• Single Supply Version of the X9118
• Pb-Free available (RoHS compliant)




Similar Part No. - X9119TV14

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9119TV14 INTERSIL-X9119TV14 Datasheet
332Kb / 18P
   Single Supply/Low Power/1024-Tap/2-Wire Bus
X9119TV14 INTERSIL-X9119TV14 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9119TV14-2.7 INTERSIL-X9119TV14-2.7 Datasheet
332Kb / 18P
   Single Supply/Low Power/1024-Tap/2-Wire Bus
X9119TV14-2.7 INTERSIL-X9119TV14-2.7 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9119TV14I INTERSIL-X9119TV14I Datasheet
332Kb / 18P
   Single Supply/Low Power/1024-Tap/2-Wire Bus
More results


Similar Description - X9119TV14

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com