Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88923VKG Datasheet (PDF) - Micrel Semiconductor

SY88923VKG Datasheet PDF - Micrel Semiconductor
Part # SY88923VKG
Download  SY88923VKG Download

File Size   55.04 Kbytes
Page   6 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER

SY88923VKG Datasheet (PDF)

Go To PDF Page Download Datasheet
SY88923VKG Datasheet PDF - Micrel Semiconductor

Part # SY88923VKG
Download  SY88923VKG Click to download

File Size   55.04 Kbytes
Page   6 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER

SY88923VKG Datasheet (HTML) - Micrel Semiconductor

SY88923VKG Datasheet HTML 1Page - Micrel Semiconductor SY88923VKG Datasheet HTML 2Page - Micrel Semiconductor SY88923VKG Datasheet HTML 3Page - Micrel Semiconductor SY88923VKG Datasheet HTML 4Page - Micrel Semiconductor SY88923VKG Datasheet HTML 5Page - Micrel Semiconductor SY88923VKG Datasheet HTML 6Page - Micrel Semiconductor

SY88923VKG Product details

DESCRIPTION
The SY88923V limiting post amplifier with its high gain and wide bandwidth is ideal for use as a post amplifier in fiber-optic receivers with data rates up to 2.5Gbps. Signals as small as 5mVPP can be amplified to drive devices with PECL inputs. The SY88923V generates a chatter-free Loss of Signal (LOS) open collector TTL output.

FEATURES
■ 3.3V and 5V power supply options
■ Up to 2.5Gbps operation
■ Low noise
■ Chatter-Free LOS Generation
■ Open Collector TTL LOS Output
■ TTL /EN Input
■ Differential PECL inputs for data
■ Single power supply
■ Designed for use with Micrels Laser Diode Driver and Controller
■ Available in a tiny 10-pin (3mm) MSOP

APPLICATIONS
■ 1.25Gbps and 2.5Gbps Gigabit Ethernet
■ 531Mbps, 1062Mbps and 2.12Gbps Fibre Channel
■ 622Mbps SONET
■ Gigabit Interface Converter
■ 2.5Gbps SDH/SONET
■ 2.5Gbps Proprietary Links




Similar Part No. - SY88923VKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88923 MICREL-SY88923 Datasheet
98Kb / 8P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923 MICREL-SY88923 Datasheet
79Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923 MICREL-SY88923 Datasheet
100Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER Not recommended for new designs
SY88923 MICREL-SY88923 Datasheet
100Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923AV MICREL-SY88923AV Datasheet
68Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Similar Description - SY88923VKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88923 MICREL-SY88923_07 Datasheet
100Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923 MICREL-SY88923_06 Datasheet
79Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923 MICREL-SY88923 Datasheet
98Kb / 8P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923 MICREL-SY88923_11 Datasheet
100Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER Not recommended for new designs
logo
Arizona Microtek, Inc
AZ88943 AZM-AZ88943 Datasheet
56Kb / 5P
   High-Speed Limiting Post Amplifier
AZ88923 AZM-AZ88923_12 Datasheet
392Kb / 6P
   High Speed Limiting Post Amplifier
AZ88923 AZM-AZ88923 Datasheet
57Kb / 5P
   High-Speed Limiting Post Amplifier
logo
Micrel Semiconductor
SY88913 MICREL-SY88913_07 Datasheet
91Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903 MICREL-SY88903_07 Datasheet
91Kb / 7P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913_05 Datasheet
81Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com