Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89421VZC Datasheet (PDF) - Micrel Semiconductor

SY89421VZC Datasheet PDF - Micrel Semiconductor
Part # SY89421VZC
Download  SY89421VZC Download

File Size   81.78 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP

SY89421VZC Datasheet (PDF)

Go To PDF Page Download Datasheet
SY89421VZC Datasheet PDF - Micrel Semiconductor

Part # SY89421VZC
Download  SY89421VZC Click to download

File Size   81.78 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP

SY89421VZC Datasheet (HTML) - Micrel Semiconductor

SY89421VZC Datasheet HTML 1Page - Micrel Semiconductor SY89421VZC Datasheet HTML 2Page - Micrel Semiconductor SY89421VZC Datasheet HTML 3Page - Micrel Semiconductor SY89421VZC Datasheet HTML 4Page - Micrel Semiconductor SY89421VZC Datasheet HTML 5Page - Micrel Semiconductor SY89421VZC Datasheet HTML 6Page - Micrel Semiconductor SY89421VZC Datasheet HTML 7Page - Micrel Semiconductor SY89421VZC Datasheet HTML 8Page - Micrel Semiconductor

SY89421VZC Product details

DESCRIPTION
The SY89421V is a digital Phase Locked Loop based on Micrel-Synergys differential PLL technology. It is capable of operating in the 30MHz to 560MHz reference input frequency range, and up to 2000MHz with the HFIN input and an external VCO. Use of a phase-frequency detector results in excellent PLL locking and tracking characteristics. Error correction voltages are generated by the detector if either phase or frequency deviations occur. The VCO has a frequency range covering more than a 2:1 ratio from 480MHz to 1120MHz.

FEATURES
■ 3.3V and 5V power supply options
■ 1.12GHz maximum VCO frequency
■ 30MHz to 560MHz reference input operating frequency
■ External 2.0GHz VCO capability
■ Low jitter differential design
■ Frequency doubler mode
■ PECL Differential output
■ External loop filter optimizes performance/cost
■ Available in 20-pin SOIC package

APPLICATIONS
■ Workstations
■ Advanced communications
■ High-performance computing




Similar Part No. - SY89421VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89420 MICREL-SY89420 Datasheet
92Kb / 8P
   5V/3.3V DUAL PHASE LOCKED LOOP
SY89420V MICREL-SY89420V Datasheet
92Kb / 8P
   5V/3.3V DUAL PHASE LOCKED LOOP
SY89420VJC MICREL-SY89420VJC Datasheet
92Kb / 8P
   5V/3.3V DUAL PHASE LOCKED LOOP
SY89420VJCTR MICREL-SY89420VJCTR Datasheet
92Kb / 8P
   5V/3.3V DUAL PHASE LOCKED LOOP
SY89423V MICREL-SY89423V Datasheet
98Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE PHASE LOCKED LOOP
More results


Similar Description - SY89421VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V Datasheet
98Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE PHASE LOCKED LOOP
SY89420V MICREL-SY89420V Datasheet
92Kb / 8P
   5V/3.3V DUAL PHASE LOCKED LOOP
logo
Texas Instruments
TLC2933 TI-TLC2933 Datasheet
367Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI-TLC2933A Datasheet
282Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2933 TI1-TLC2933_13 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI1-TLC2932A_16 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI1-TLC2932_15 Datasheet
811Kb / 29P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI-TLC2932A Datasheet
285Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI-TLC2932 Datasheet
418Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI1-TLC2933A_16 Datasheet
677Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com