Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI9P0549-9Z Datasheet (PDF) - Intersil Corporation

HI9P0549-9Z Datasheet PDF - Intersil Corporation
Part # HI9P0549-9Z
Download  HI9P0549-9Z Download

File Size   719.43 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection

HI9P0549-9Z Datasheet (PDF)

Go To PDF Page Download Datasheet
HI9P0549-9Z Datasheet PDF - Intersil Corporation

Part # HI9P0549-9Z
Download  HI9P0549-9Z Click to download

File Size   719.43 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection

HI9P0549-9Z Datasheet (HTML) - Intersil Corporation

Back Button HI9P0549-9Z Datasheet HTML 1Page - Intersil Corporation HI9P0549-9Z Datasheet HTML 2Page - Intersil Corporation HI9P0549-9Z Datasheet HTML 3Page - Intersil Corporation HI9P0549-9Z Datasheet HTML 4Page - Intersil Corporation HI9P0549-9Z Datasheet HTML 5Page - Intersil Corporation HI9P0549-9Z Datasheet HTML 6Page - Intersil Corporation HI9P0549-9Z Datasheet HTML 7Page - Intersil Corporation HI9P0549-9Z Datasheet HTML 8Page - Intersil Corporation HI9P0549-9Z Datasheet HTML 9Page - Intersil Corporation HI9P0549-9Z Datasheet HTML 10Page - Intersil Corporation Next Button 

HI9P0549-9Z Product details

The HI-546, HI-547, HI-548 and HI-549 are analog
multiplexers with active overvoltage protection and
guaranteed rON matching. Analog input levels may greatly
exceed either power supply without damaging the device or
disturbing the signal path of other channels. Active
protection circuitry assures that signal fidelity is maintained
even under fault conditions that would destroy other
multiplexers.
Analog inputs can withstand constant 70VP-P levels with
15V supplies. Digital inputs will also sustain continuous
faults up to 4V greater than either supply. In addition, signal
sources are protected from short circuiting should
multiplexer supply loss occur. Each input presents 1k of
resistance under this condition. These features make the
HI-546, HI-547, HI-548 and HI-549 ideal for use in systems
where the analog inputs originate from external equipment
or separately powered circuitry. All devices are fabricated
with 44V Dielectrically Isolated CMOS technology. The
HI-546 is a single 16-Channel, the HI-547 is an 8-Channel
differential, the HI-548 is a single 8-Channel and the HI-549
is a 4-Channel differential device. If input overvoltage
protection is not needed the HI-506/507/508/509
multiplexers are recommended. For further information see
Application Notes AN520 and AN521.

Features
• Analog Overvoltage Protection. . . . . . . . . . . . . . . . . . 70VP-P
• No Channel Interaction During Overvoltage
• Guaranteed rON Matching
• Maximum Power Supply . . . . . . . . . . . . . . . . . . . . . . 44V
• Break-Before-Make Switching
• Analog Signal Range . . . . . . . . . . . . . . . . . . . . . . . . 15V
• Access Time (Typical) . . . . . . . . . . . . . . . . . . . . . . . 500ns
• Standby Power (Typical) . . . . . . . . . . . . . . . . . . . . 7.5mW
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Data Acquisition
• Industrial Controls
• Telemetry




Similar Part No. - HI9P0549-9Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI9P0549-9Z INTERSIL-HI9P0549-9Z Datasheet
533Kb / 24P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
More results


Similar Description - HI9P0549-9Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-546 INTERSIL-HI-546_05 Datasheet
533Kb / 24P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
HI-546 INTERSIL-HI-546 Datasheet
329Kb / 15P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
June 1999
logo
Renesas Technology Corp
HI-546 RENESAS-HI-546 Datasheet
910Kb / 25P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
Jun 15, 2016
logo
Harris Corporation
HI-506A HARRIS-HI-506A Datasheet
1Mb / 14P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Intersil Corporation
HI1-0506A-2 INTERSIL-HI1-0506A-2 Datasheet
579Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI-506A INTERSIL-HI-506A Datasheet
235Kb / 15P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
June 1999
logo
Renesas Technology Corp
HI-506A RENESAS-HI-506A Datasheet
1,010Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Intersil Corporation
HI1-0506A-2 INTERSIL-HI1-0506A-2 Datasheet
576Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel,CMOS Analog MUXs with Active Overvoltage Protection
October 30, 2007
HI-506A INTERSIL-HI-506A_07 Datasheet
573Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI-506A INTERSIL-HI-506A_04 Datasheet
613Kb / 19P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com