Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

93LC66A Datasheet (PDF) - Microchip Technology

93LC66A Datasheet PDF - Microchip Technology
Part # 93LC66A
Download  93LC66A Download

File Size   225.21 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4K 2.5V Microwire Serial EEPROM

93LC66A Datasheet (PDF)

Go To PDF Page Download Datasheet
93LC66A Datasheet PDF - Microchip Technology

Part # 93LC66A
Download  93LC66A Click to download

File Size   225.21 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4K 2.5V Microwire Serial EEPROM

93LC66A Datasheet (HTML) - Microchip Technology

Back Button 93LC66A Datasheet HTML 1Page - Microchip Technology 93LC66A Datasheet HTML 2Page - Microchip Technology 93LC66A Datasheet HTML 3Page - Microchip Technology 93LC66A Datasheet HTML 4Page - Microchip Technology 93LC66A Datasheet HTML 5Page - Microchip Technology 93LC66A Datasheet HTML 6Page - Microchip Technology 93LC66A Datasheet HTML 7Page - Microchip Technology 93LC66A Datasheet HTML 8Page - Microchip Technology 93LC66A Datasheet HTML 9Page - Microchip Technology 93LC66A Datasheet HTML 10Page - Microchip Technology Next Button 

93LC66A Product details

Description:

The Microchip Technology Inc. 93XX66A/B/C devices are 4K bit low-voltage serial Electrically Erasable PROMs (EEPROM). Word-selectable devices such as the 93AA66C, 93LC66C or 93C66C are dependent upon external logic levels driving the ORG pin to set word size. For dedicated 8-bit communication, the 93XX66A devices are available, while the 93XX66B devices provide dedicated 16-bit communication. Advanced CMOS technology makes these devices ideal for low-power, nonvolatile memory applications. The entire 93XX Series is available in standard packages including 8-lead PDIP and SOIC, and advanced packaging including 8-lead MSOP, 6-lead

SOT-23, 8-lead 2x3 DFN and 8-lead TSSOP. Pb-free (Pure Matte Sn) finish is available.



Features:

• Low-power CMOS technology

• ORG pin to select word size for ‘66C’ version

• 512 x 8-bit organization ‘A’ ver. devices (no ORG)

• 256 x 16-bit organization ‘B’ ver. devices (no ORG)

• Self-timed erase/write cycles (including auto-erase)

• Automatic ERAL before WRAL

• Power-on/off data protection circuitry

• Industry standard 3-wire serial I/O

• Device Status signal (Ready/Busy)

• Sequential read function

• 1,000,000 E/W cycles

• Data retention > 200 years

• Temperature ranges supported:

- Industrial (I) -40°C to +85°C

- Automotive (E) -40°C to +125°C




Similar Part No. - 93LC66A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC66A MICROCHIP-93LC66A Datasheet
185Kb / 12P
   4K 2.5V Microwire Serial EEPROM
1997
93LC66A MICROCHIP-93LC66A Datasheet
405Kb / 24P
   4K Microwire Compatible Serial EEPROM
2003
93LC66A MICROCHIP-93LC66A Datasheet
442Kb / 28P
   4K Microwire Compatible Serial EEPROM
2005
93LC66A MICROCHIP-93LC66A Datasheet
303Kb / 25P
   4K Microwire Compatible Serial EEPROM
07/28/03
93LC66A-E/CH MICROCHIP-93LC66A-E/CH Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
More results


Similar Description - 93LC66A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC66AB MICROCHIP-93LC66AB Datasheet
185Kb / 12P
   4K 2.5V Microwire Serial EEPROM
1997
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93LC46 MICROCHIP-93LC46_04 Datasheet
328Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93LC46 MICROCHIP-93LC46_13 Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC56 MICROCHIP-93LC56 Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93LC46 MICROCHIP-93LC46 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93LC46SN MICROCHIP-93LC46SN Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC46 MICROCHIP-93LC46_12 Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC66BSN MICROCHIP-93LC66BSN Datasheet
303Kb / 25P
   4K Microwire Compatible Serial EEPROM
07/28/03
93AA66A MICROCHIP-93AA66A_05 Datasheet
442Kb / 28P
   4K Microwire Compatible Serial EEPROM
2005
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com