Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

93LCS66-SM Datasheet (PDF) - Microchip Technology

93LCS66-SM Datasheet PDF - Microchip Technology
Part # 93LCS66-SM
Download  93LCS66-SM Download

File Size   133.32 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect

93LCS66-SM Datasheet (PDF)

Go To PDF Page Download Datasheet
93LCS66-SM Datasheet PDF - Microchip Technology

Part # 93LCS66-SM
Download  93LCS66-SM Click to download

File Size   133.32 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect

93LCS66-SM Datasheet (HTML) - Microchip Technology

Back Button 93LCS66-SM Datasheet HTML 1Page - Microchip Technology 93LCS66-SM Datasheet HTML 2Page - Microchip Technology 93LCS66-SM Datasheet HTML 3Page - Microchip Technology 93LCS66-SM Datasheet HTML 4Page - Microchip Technology 93LCS66-SM Datasheet HTML 5Page - Microchip Technology 93LCS66-SM Datasheet HTML 6Page - Microchip Technology 93LCS66-SM Datasheet HTML 7Page - Microchip Technology 93LCS66-SM Datasheet HTML 8Page - Microchip Technology 93LCS66-SM Datasheet HTML 9Page - Microchip Technology 93LCS66-SM Datasheet HTML 10Page - Microchip Technology Next Button 

93LCS66-SM Product details

DESCRIPTION

The Microchip Technology Inc. 93LCS56/66 are low voltage Serial Electrically Erasable PROMs with memory capacities of 2K bits/4K bits respectively. A write protect register is included in order to provide a user defined region of write protected memory. All memory locations greater than or equal to the address placed in the write protect register will be protected from any attempted write or erase operation. It is also possible to protect the address in the write protect register permanently by using a one time only instruction (PRDS). Any attempt to alter data in a register whose address is equal to or greater than the address stored in the protect register will be aborted. Advanced CMOS technology makes this device ideal for low power non-volatile memory applications.



FEATURES

• Single supply with programming operation down to 2.5V

• Low power CMOS technology

- 1 mA active current typical

- 5 µA standby current (typical) at 3.0V

• x16 memory organization

- 128x16 (93LCS56)

- 256x16 (93LCS66)

• Software write protection of user defined memory space

• Self timed erase and write cycles

• Automatic ERAL before WRAL

• Power on/off data protection

• Industry standard 3-wire serial I/O

• Device status signal during E/W

• Sequential READ function

• 1,000,000 E/W cycles guaranteed

• Data retention > 200 years

• 8-pin PDIP/SOIC and 14-pin SOIC packages

• Temperature ranges supported

- Commercial (C): 0˚C to +70˚C

- Industrial (I): -40˚C to +85˚C




Similar Part No. - 93LCS66-SM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LCS66-I/OT MICROCHIP-93LCS66-I/OT Datasheet
182Kb / 14P
   2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
2004
93LCS66-I/P MICROCHIP-93LCS66-I/P Datasheet
182Kb / 14P
   2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
2004
93LCS66-I/SL MICROCHIP-93LCS66-I/SL Datasheet
182Kb / 14P
   2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
2004
93LCS66-I/SN MICROCHIP-93LCS66-I/SN Datasheet
182Kb / 14P
   2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
2004
93LCS66-I/ST MICROCHIP-93LCS66-I/ST Datasheet
182Kb / 14P
   2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
2004
More results


Similar Description - 93LCS66-SM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LCS56 MICROCHIP-93LCS56_04 Datasheet
182Kb / 14P
   2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
2004
logo
Samsung semiconductor
S524C20D10 SAMSUNG-S524C20D10 Datasheet
152Kb / 22P
   1K/2K/4K/8K-bit Serial EEPROM with software write protect
logo
Microchip Technology
24LCS52 MICROCHIP-24LCS52 Datasheet
81Kb / 12P
   2K 2.5V I 2 C Serial EEPROM with Software Write Protect
1996
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
2008
34LC02T-I MICROCHIP-34LC02T-I Datasheet
631Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02 MICROCHIP-34AA02 Datasheet
399Kb / 32P
   2K I2C??Serial EEPROM Software Write-Protect
2010
34AA02-I MICROCHIP-34AA02-I Datasheet
532Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
34LC02T-I MICROCHIP-34LC02T-I Datasheet
532Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com