Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4426 Datasheet (PDF) - Microchip Technology

TC4426 Datasheet PDF - Microchip Technology
Part # TC4426
Download  TC4426 Download

File Size   66.39 Kbytes
Page   9 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS

TC4426 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC4426 Datasheet PDF - Microchip Technology

Part # TC4426
Download  TC4426 Click to download

File Size   66.39 Kbytes
Page   9 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS

TC4426 Datasheet (HTML) - Microchip Technology

TC4426 Datasheet HTML 1Page - Microchip Technology TC4426 Datasheet HTML 2Page - Microchip Technology TC4426 Datasheet HTML 3Page - Microchip Technology TC4426 Datasheet HTML 4Page - Microchip Technology TC4426 Datasheet HTML 5Page - Microchip Technology TC4426 Datasheet HTML 6Page - Microchip Technology TC4426 Datasheet HTML 7Page - Microchip Technology TC4426 Datasheet HTML 8Page - Microchip Technology TC4426 Datasheet HTML 9Page - Microchip Technology

TC4426 Product details

GENERAL DESCRIPTION
The TC4426/4427/4428 are improved versions of the earlier TC426/427/428 family of buffer/drivers (with which they are pin compatible). They will not latch up under any conditions within their power and voltage ratings. They are not subject to damage when up to 5V of noise spiking (of either polarity) occurs on the ground pin. They can accept, without damage or logic upset, up to 500mA of reverse current (of either polarity) being forced back into their outputs. All terminals are fully protected against up to 4kV of electrostatic discharge.

FEATURES
■ High Peak Output Current ............................... 1.5A
■ Wide Operating Range .......................... 4.5V to 18V
■ High Capacitive Load
   Drive Capability ........................ 1000 pF in 25 nsec
■ Short Delay Time ................................ <40nsec Typ
■ Consistent Delay Times With Changes in Supply Voltage
■ Low Supply Current
   — With Logic “1” Input .................................... 4mA
   — With Logic “0” Input ................................. 400µA
■ Low Output Impedance ....................................... 7Ω
■ Latch-Up Protected: Will Withstand >0.5A
   Reverse Current ................................. Down to – 5V
■ Input Will Withstand Negative Inputs
■ ESD Protected .....................................................4kV
■ Pinout Same as TC426/TC427/TC428




Similar Part No. - TC4426

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4426 TELCOM-TC4426 Datasheet
75Kb / 6P
   1.5A DUAL HIGH-SPEED, POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
logo
TelCom Semiconductor, I...
TC4426A TELCOM-TC4426A Datasheet
64Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426A MICROCHIP-TC4426A Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
TC4426A MICROCHIP-TC4426A Datasheet
347Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
11/27/12
More results


Similar Description - TC4426

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
TC4426 MICROCHIP-TC4426_13 Datasheet
356Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426 MICROCHIP-TC4426_06 Datasheet
444Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com