Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC17LC752-25/PQ Datasheet (PDF) - Microchip Technology

PIC17LC752-25/PQ Datasheet PDF - Microchip Technology
Part # PIC17LC752-25/PQ
Download  PIC17LC752-25/PQ Download

File Size   2279.56 Kbytes
Page   320 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Performance 8-Bit CMOS EPROM Microcontrollers

PIC17LC752-25/PQ Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC17LC752-25/PQ Datasheet PDF - Microchip Technology

Part # PIC17LC752-25/PQ
Download  PIC17LC752-25/PQ Click to download

File Size   2279.56 Kbytes
Page   320 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Performance 8-Bit CMOS EPROM Microcontrollers

PIC17LC752-25/PQ Datasheet (HTML) - Microchip Technology

Back Button PIC17LC752-25/PQ Datasheet HTML 1Page - Microchip Technology PIC17LC752-25/PQ Datasheet HTML 2Page - Microchip Technology PIC17LC752-25/PQ Datasheet HTML 3Page - Microchip Technology PIC17LC752-25/PQ Datasheet HTML 4Page - Microchip Technology PIC17LC752-25/PQ Datasheet HTML 5Page - Microchip Technology PIC17LC752-25/PQ Datasheet HTML 6Page - Microchip Technology PIC17LC752-25/PQ Datasheet HTML 7Page - Microchip Technology PIC17LC752-25/PQ Datasheet HTML 8Page - Microchip Technology PIC17LC752-25/PQ Datasheet HTML 9Page - Microchip Technology PIC17LC752-25/PQ Datasheet HTML 10Page - Microchip Technology Next Button 

PIC17LC752-25/PQ Product details

OVERVIEW
This data sheet covers the PIC17C75X group of the PIC17CXXX family of microcontrollers. The following devices are discussed in this data sheet:
• PIC17C752
• PIC17C756
The PIC17C75X devices are 68-Pin, EPROM-based members of the versatile PIC17CXXX family of low-cost, high-performance, CMOS, fully-static, 8-bit microcontrollers.

Microcontroller Core Features:
• Only 58 single word instructions to learn
• All single cycle instructions (121 ns) except for program branches and table reads/writes which are two-cycle
• Operating speed:
   - DC - 33 MHz clock input
   - DC - 121 ns instruction cycle
• Hardware Multiplier
• Interrupt capability
• 16 level deep hardware stack
• Direct, indirect, and relative addressing modes
• Internal/external program memory execution
• Capable of addressing 64K x 16 program memory space

Peripheral Features:
• 50 I/O pins with individual direction control
• High current sink/source for direct LED drive
   - RA2 and RA3 are open drain, high voltage (12V), high current (60 mA), I/O pins
• Four capture input pins
   - Captures are 16-bit, max resolution 121 ns
• Three PWM outputs
   - PWM resolution is 1- to 10-bits
• TMR0: 16-bit timer/counter with 8-bit programmable prescaler
• TMR1: 8-bit timer/counter
• TMR2: 8-bit timer/counter
• TMR3: 16-bit timer/counter
• Two Universal Synchronous Asynchronous Receiver Transmitters (USART/SCI)
   - Independant baud rate generators
• 10-bit, 12 channel analog-to-digital converter
• Synchronous Serial Port (SSP) with SPI™ and I2C™ modes (including I2C master mode)

Special Microcontroller Features:
• Power-on Reset (POR), Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)
• Watchdog Timer (WDT) with its own on-chip RC oscillator for reliable operation
• Brown-out Reset
• Code-protection
• Power saving SLEEP mode
• Selectable oscillator options

CMOS Technology:
• Low-power, high-speed CMOS EPROM technology
• Fully static design
• Wide operating voltage range (2.5V to 6.0V)
• Commercial and Industrial temperature ranges
• Low-power consumption
   - < 5 mA @ 5V, 4 MHz
   - 100 µA typical @ 4.5V, 32 kHz
   - < 1 µA typical standby current @ 5V




Similar Part No. - PIC17LC752-25/PQ

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC17LC752-08/CL MICROCHIP-PIC17LC752-08/CL Datasheet
1Mb / 328P
   High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
1998 - 1999
PIC17LC752-08/L MICROCHIP-PIC17LC752-08/L Datasheet
1Mb / 328P
   High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
1998 - 1999
PIC17LC752-08/PT MICROCHIP-PIC17LC752-08/PT Datasheet
1Mb / 328P
   High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
1998 - 1999
PIC17LC752-08I/CL MICROCHIP-PIC17LC752-08I/CL Datasheet
1Mb / 328P
   High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
1998 - 1999
PIC17LC752-08I/L MICROCHIP-PIC17LC752-08I/L Datasheet
1Mb / 328P
   High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
1998 - 1999
More results


Similar Description - PIC17LC752-25/PQ

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC17C7XX MICROCHIP-PIC17C7XX_00 Datasheet
4Mb / 304P
   High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
2000
PIC17C7XX MICROCHIP-PIC17C7XX Datasheet
1Mb / 328P
   High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
1998 - 1999
PIC17C7XX MICROCHIP-PIC17C7XX_13 Datasheet
4Mb / 306P
   High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
11/29/12 1998-2013
PIC16C62X MICROCHIP-PIC16C62X_03 Datasheet
3Mb / 128P
   EPROM-Based 8-Bit CMOS Microcontrollers
2003
PIC16C55X MICROCHIP-PIC16C55X_13 Datasheet
1Mb / 108P
   EPROM-Based 8-Bit CMOS Microcontrollers
1/29/12 1996-2013
PIC16C622A-04I-P MICROCHIP-PIC16C622A-04I-P Datasheet
3Mb / 128P
   EPROM-Based 8-Bit CMOS Microcontrollers
03/25/03
PIC16LC558-04-SS MICROCHIP-PIC16LC558-04-SS Datasheet
1Mb / 108P
   EPROM-Based 8-Bit CMOS Microcontrollers
11/29/12
PIC16C62B-04 MICROCHIP-PIC16C62B-04 Datasheet
3Mb / 128P
   EPROM-Based 8-Bit CMOS Microcontrollers
03/25/03
PIC17LC42AT-08I-PT MICROCHIP-PIC17LC42AT-08I-PT Datasheet
1Mb / 241P
   High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
01/18/02
PIC17C4X MICROCHIP-PIC17C4X Datasheet
1Mb / 240P
   High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
1996 - 1999
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com