Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16CR58B-04I/P Datasheet (PDF) - Microchip Technology

PIC16CR58B-04I/P Datasheet PDF - Microchip Technology
Part # PIC16CR58B-04I/P
Download  PIC16CR58B-04I/P Download

File Size   654.88 Kbytes
Page   84 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description ROM-Based 8-Bit CMOS Microcontroller Series

PIC16CR58B-04I/P Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16CR58B-04I/P Datasheet PDF - Microchip Technology

Part # PIC16CR58B-04I/P
Download  PIC16CR58B-04I/P Click to download

File Size   654.88 Kbytes
Page   84 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description ROM-Based 8-Bit CMOS Microcontroller Series

PIC16CR58B-04I/P Datasheet (HTML) - Microchip Technology

Back Button PIC16CR58B-04I/P Datasheet HTML 1Page - Microchip Technology PIC16CR58B-04I/P Datasheet HTML 2Page - Microchip Technology PIC16CR58B-04I/P Datasheet HTML 3Page - Microchip Technology PIC16CR58B-04I/P Datasheet HTML 4Page - Microchip Technology PIC16CR58B-04I/P Datasheet HTML 5Page - Microchip Technology PIC16CR58B-04I/P Datasheet HTML 6Page - Microchip Technology PIC16CR58B-04I/P Datasheet HTML 7Page - Microchip Technology PIC16CR58B-04I/P Datasheet HTML 8Page - Microchip Technology PIC16CR58B-04I/P Datasheet HTML 9Page - Microchip Technology PIC16CR58B-04I/P Datasheet HTML 10Page - Microchip Technology Next Button 

PIC16CR58B-04I/P Product details

GENERAL DESCRIPTION

The PIC16C5X from Microchip Technology is a family of low cost, high performance, 8-bit fully static, EPROM/ROM-based CMOS microcontrollers. It employs a RISC architecture with only 33 single word/single cycle instructions. All instructions are single cycle except for program branches which take two cycles. The PIC16C5X delivers performance in an order of magnitude higher than its competitors in the same price category. The 12-bit wide instructions are highly symmetrical resulting in 2:1 code compression over other 8-bit microcontrollers in its class. The easy to use and easy to remember instruction set reduces development time significantly.



Devices Included in this Data Sheet:

• PIC16C54

• PIC16CR54

• PIC16C55

• PIC16C56

• PIC16CR56

• PIC16C57

• PIC16CR57

• PIC16C58

• PIC16CR58



High-Performance RISC CPU:

• Only 33 single word instructions to learn

• All instructions are single cycle except for program branches which are two-cycle

• Operating speed: DC - 40 MHz clock input

                        DC - 100 ns instruction cycle

• 12-bit wide instructions

• 8-bit wide data path

• Seven or eight special function hardware registers

• Two-level deep hardware stack

• Direct, indirect and relative addressing modes for data and instructions



Peripheral Features:

• 8-bit real time clock/counter (TMR0) with 8-bit programmable prescaler

• Power-on Reset (POR)

• Device Reset Timer (DRT)

• Watchdog Timer (WDT) with its own on-chip RC oscillator for reliable operation

• Programmable Code Protection

• Power saving SLEEP mode

• Selectable oscillator options:

   - RC: Low cost RC oscillator

   - XT: Standard crystal/resonator

   - HS: High speed crystal/resonator

   - LP: Power saving, low frequency crystal



CMOS Technology:

• Low power, high speed CMOS EPROM/ROM technology

• Fully static design

• Wide operating voltage and temperature range:

   - EPROM Commercial/Industrial 2.0V to 6.25V

   - ROM Commercial/Industrial 2.0V to 6.25V

   - EPROM Extended 2.5V to 6.0V

   - ROM Extended 2.5V to 6.0V

• Low power consumption

   - < 2 mA typical @ 5V, 4 MHz

   - 15 A typical @ 3V, 32 kHz

   - < 0.6 A typical standby current

      (with WDT disabled) @ 3V, 0°C to 70°C



 




Similar Part No. - PIC16CR58B-04I/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16CR58B MICROCHIP-PIC16CR58B Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16CR58B MICROCHIP-PIC16CR58B Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16CR58B MICROCHIP-PIC16CR58B Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
PIC16CR58B MICROCHIP-PIC16CR58B Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16CR58B MICROCHIP-PIC16CR58B Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12 1997-2013
More results


Similar Description - PIC16CR58B-04I/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C55A-JW MICROCHIP-PIC16C55A-JW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57-RC MICROCHIP-PIC16C57-RC Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 218P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
01/18/02
PIC16C54C-04-P MICROCHIP-PIC16C54C-04-P Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
PIC16C57CJW MICROCHIP-PIC16C57CJW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57C-20I MICROCHIP-PIC16C57C-20I Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C57-RCI MICROCHIP-PIC16C57-RCI Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C5X MICROCHIP-PIC16C5X Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16C5X MICROCHIP-PIC16C5X_02 Datasheet
2Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
2002
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com