Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16C74A-20I/P Datasheet (PDF) - Microchip Technology

PIC16C74A-20I/P Datasheet PDF - Microchip Technology
Part # PIC16C74A-20I/P
Download  PIC16C74A-20I/P Download

File Size   2213.33 Kbytes
Page   288 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Bit CMOS Microcontrollers with A/D Converter

PIC16C74A-20I/P Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16C74A-20I/P Datasheet PDF - Microchip Technology

Part # PIC16C74A-20I/P
Download  PIC16C74A-20I/P Click to download

File Size   2213.33 Kbytes
Page   288 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Bit CMOS Microcontrollers with A/D Converter

PIC16C74A-20I/P Datasheet (HTML) - Microchip Technology

Back Button PIC16C74A-20I/P Datasheet HTML 1Page - Microchip Technology PIC16C74A-20I/P Datasheet HTML 2Page - Microchip Technology PIC16C74A-20I/P Datasheet HTML 3Page - Microchip Technology PIC16C74A-20I/P Datasheet HTML 4Page - Microchip Technology PIC16C74A-20I/P Datasheet HTML 5Page - Microchip Technology PIC16C74A-20I/P Datasheet HTML 6Page - Microchip Technology PIC16C74A-20I/P Datasheet HTML 7Page - Microchip Technology PIC16C74A-20I/P Datasheet HTML 8Page - Microchip Technology PIC16C74A-20I/P Datasheet HTML 9Page - Microchip Technology PIC16C74A-20I/P Datasheet HTML 10Page - Microchip Technology Next Button 

PIC16C74A-20I/P Product details

GENERAL DESCRIPTION
The PIC16C7X is a family of low-cost, high-performance, CMOS, fully-static, 8-bit microcontrollers with integrated analog-to-digital (A/D) converters, in the PIC16CXX mid-range family.
All PIC16/17 microcontrollers employ an advanced RISC architecture. The PIC16CXX microcontroller family has enhanced core features, eight-level deep stack, and multiple internal and external interrupt sources. The separate instruction and data buses of the Harvard architecture allow a 14-bit wide instruction word with the separate 8-bit wide data. The two stage instruction pipeline allows all instructions to execute in a single cycle, except for program branches which require two cycles. A total of 35 instructions (reduced instruction set) are available. Additionally, a large register set gives some of the architectural innovations used to achieve a very high performance.

PIC16C7X Microcontroller Core Features:
• High-performance RISC CPU
• Only 35 single word instructions to learn
• All single cycle instructions except for program branches which are two cycle
• Operating speed: DC - 20 MHz clock input DC - 200 ns instruction cycle
• Up to 8K x 14 words of Program Memory, up to 368 x 8 bytes of Data Memory (RAM)
• Interrupt capability
• Eight level deep hardware stack
• Direct, indirect, and relative addressing modes
• Power-on Reset (POR)
• Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)
• Watchdog Timer (WDT) with its own on-chip RC oscillator for reliable operation
• Programmable code-protection
• Power saving SLEEP mode
• Selectable oscillator options
• Low-power, high-speed CMOS EPROM technology
• Fully static design
• Wide operating voltage range: 2.5V to 6.0V
• High Sink/Source Current 25/25 mA
• Commercial, Industrial and Extended temperature ranges
• Low-power consumption:
   • < 2 mA @ 5V, 4 MHz
   • 15 µA typical @ 3V, 32 kHz
   • < 1 µA typical standby current
  
PIC16C7X Peripheral Features:
• Timer0: 8-bit timer/counter with 8-bit prescaler
• Timer1: 16-bit timer/counter with prescaler, can be incremented during sleep via external crystal/clock
• Timer2: 8-bit timer/counter with 8-bit period register, prescaler and postscaler
• Capture, Compare, PWM module(s)
• Capture is 16-bit, max. resolution is 12.5 ns, Compare is 16-bit, max. resolution is 200 ns, PWM max. resolution is 10-bit
• 8-bit multichannel analog-to-digital converter
• Synchronous Serial Port (SSP) with SPI™ and I2C
• Universal Synchronous Asynchronous Receiver Transmitter (USART/SCI)
• Parallel Slave Port (PSP) 8-bits wide, with external RD, WR and CS controls
• Brown-out detection circuitry for Brown-out Reset (BOR)




Similar Part No. - PIC16C74A-20I/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C74A-04P MICROCHIP-PIC16C74A-04P Datasheet
2Mb / 184P
   8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
PIC16C74A-10 MICROCHIP-PIC16C74A-10 Datasheet
2Mb / 184P
   8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
PIC16C74A-JW MICROCHIP-PIC16C74A-JW Datasheet
94Kb / 8P
   PIC16C74A Rev. A Silicon Errata Sheet
01/30/01
More results


Similar Description - PIC16C74A-20I/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C71X MICROCHIP-PIC16C71X Datasheet
1Mb / 176P
   8-Bit CMOS Microcontrollers with A/D Converter
1997 - 1999
PIC16LC63A-04 MICROCHIP-PIC16LC63A-04 Datasheet
1Mb / 184P
   8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
PIC16LC74B-16 MICROCHIP-PIC16LC74B-16 Datasheet
329Kb / 41P
   8-Bit CMOS Microcontrollers with A/D Converter
1999 - 2002
PIC16C72 MICROCHIP-PIC16C72_13 Datasheet
1Mb / 128P
   8-Bit CMOS Microcontrollers with A/D Converter
11/29/12 1998-2013
PIC16C63A-20-SP MICROCHIP-PIC16C63A-20-SP Datasheet
1Mb / 186P
   8-Bit CMOS Microcontrollers with A/D Converter
11/29/12
PIC16C74A-10 MICROCHIP-PIC16C74A-10 Datasheet
2Mb / 184P
   8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
PIC16C72 MICROCHIP-PIC16C72 Datasheet
1Mb / 124P
   8-Bit CMOS Microcontrollers with A/D Converter
1998
PIC16C74A-04P MICROCHIP-PIC16C74A-04P Datasheet
2Mb / 184P
   8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
PIC16LC63A-04SO MICROCHIP-PIC16LC63A-04SO Datasheet
1Mb / 186P
   8-Bit CMOS Microcontrollers with A/D Converter
11/29/12
PIC16C63A MICROCHIP-PIC16C63A_13 Datasheet
1Mb / 186P
   8-Bit CMOS Microcontrollers with A/D Converter
11/29/12 1998-2013
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com