Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N3889 Datasheet (PDF) - Microsemi Corporation

1N3889 Datasheet PDF - Microsemi Corporation
Part # 1N3889
Download  1N3889 Download

File Size   111.49 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Fast Recovery Rectifier

1N3889 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N3889 Datasheet PDF - Microsemi Corporation

Part # 1N3889
Download  1N3889 Click to download

File Size   111.49 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Fast Recovery Rectifier

1N3889 Datasheet (HTML) - Microsemi Corporation

1N3889 Datasheet HTML 1Page - Microsemi Corporation 1N3889 Datasheet HTML 2Page - Microsemi Corporation

1N3889 Product details

Fast Recovery Rectifier

● Fast Recovery Rectifier
● 175°C Junction Temperature
● VRRM 100 to 400 Volts
● 12 Amps Current Rating




Similar Part No. - 1N3889

ManufacturerPart #DatasheetDescription
logo
International Rectifier
1N3889 IRF-1N3889 Datasheet
2Mb / 10P
   FAST RECOVERY DIODES
logo
GeneSiC Semiconductor, ...
1N3889 GENESIC-1N3889 Datasheet
706Kb / 3P
   Silicon Fast Recovery Diode
logo
International Rectifier
1N3889 IRF-1N3889 Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
1N3889 VISHAY-1N3889 Datasheet
140Kb / 9P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 28-May-15
1N3889 VISHAY-1N3889 Datasheet
2Mb / 11P
   Fast Recovery Diodes(Stud Version)
Revision: 26-Sep-08
More results


Similar Description - 1N3889

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com