Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4257 Datasheet (PDF) - Microsemi Corporation

1N4257 Datasheet PDF - Microsemi Corporation
Part # 1N4257
Download  1N4257 Download

File Size   44.82 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description HIGH VOLTAGE RECTIFIERS

1N4257 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4257 Datasheet PDF - Microsemi Corporation

Part # 1N4257
Download  1N4257 Click to download

File Size   44.82 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description HIGH VOLTAGE RECTIFIERS

1N4257 Datasheet (HTML) - Microsemi Corporation

1N4257 Datasheet HTML 1Page - Microsemi Corporation 1N4257 Datasheet HTML 2Page - Microsemi Corporation

1N4257 Product details

DESCRIPTION
These “standard recovery” high voltage rectifier diode series are military qualified to MIL-PRF-19500/279 for the 1N3644 thru 1N3647. Others such as the 1N5181 thru 1N5184 meet or exceed requirements of MIL-PRF-19500/389. They are ideal for high-reliability where a failure cannot be tolerated for high voltage applications.

FEATURES
• JEDEC registered 1N3643 thru 1N3647, 1N4254 thru 1N4257, and 1N5181 thru 1N5187 series
• Voidless Hermetically Sealed Glass Package
• Triple Layer Passivation
• Internal “Category I” Metallurgical bonds
• Lowest Reverse Leakage Available
• Lowest Thermal Resistance Available
• Absolute High Voltage / High Temperature Stability
• 1N5181 thru 1N5184 meet or exceed requirements of MIL-S-19500/389
• 1N3644 thru 1N3647 JAN, JANTX types available per MIL-S19500/279
• Surface mount equivalents also available in a square end-cap MELF configuration with “SM” suffix

APPLICATIONS / BENEFITS
• High voltage standard recovery rectifiers 1000 to 10,000 V
• Military and other high-reliability applications
• Applications include bridges, half-bridges, catch diodes, voltage multipliers, X-ray machines, power supplies, transmitters, and radar equipment
• High forward surge current capability
• Extremely robust construction
• Low thermal resistance
• Inherently radiation hard as described in Microsemi MicroNote 050




Similar Part No. - 1N4257

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4257 MICROSEMI-1N4257 Datasheet
141Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED HIGH VOLTAGE RECTIFIERS
logo
New Jersey Semi-Conduct...
1N4257 NJSEMI-1N4257 Datasheet
313Kb / 1P
   HIGH VOLTAGE RECTIFIERS
1N4257 NJSEMI-1N4257 Datasheet
313Kb / 1P
   Microminiature package.
logo
Digitron Semiconductors
1N4257 DIGITRON-1N4257 Datasheet
124Kb / 2P
   HIGH VOLTAGE RECTIFIERS
More results


Similar Description - 1N4257

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
R1200F BILIN-R1200F Datasheet
73Kb / 2P
   HIGH VOLTAGE RECTIFIERS
logo
Semikron International
SI-E3000-1350-2.5 SEMIKRON-SI-E3000-1350-2.5 Datasheet
98Kb / 2P
   High voltage rectifiers
logo
Diode Semiconductor Kor...
R1200 DSK-R1200 Datasheet
55Kb / 2P
   HIGH VOLTAGE RECTIFIERS
3R12 DSK-3R12 Datasheet
64Kb / 2P
   HIGH VOLTAGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
R2500 BILIN-R2500 Datasheet
275Kb / 2P
   HIGH VOLTAGE RECTIFIERS
logo
Shenzhen Luguang Electr...
3R12 LUGUANG-3R12 Datasheet
156Kb / 2P
   High Voltage Rectifiers
logo
IXYS Corporation
UGE3126AY4 IXYS-UGE3126AY4 Datasheet
57Kb / 2P
   High Voltage Rectifiers
logo
Semikron International
SI-E3000-1350-2.5 SEMIKRON-SI-E3000-1350-2.5_06 Datasheet
102Kb / 2P
   High voltage rectifiers
SI-E8000-3600-1.8 SEMIKRON-SI-E8000-3600-1.8_06 Datasheet
102Kb / 2P
   High voltage rectifiers
logo
Galaxy Semi-Conductor H...
PR1600 BILIN-PR1600 Datasheet
264Kb / 2P
   HIGH VOLTAGE RECTIFIERS
R1200 BILIN-R1200_15 Datasheet
256Kb / 2P
   HIGH VOLTAGE RECTIFIERS
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com