Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4769A Datasheet (PDF) - Microsemi Corporation

1N4769A Datasheet PDF - Microsemi Corporation
Part # 1N4769A
Download  1N4769A Download

File Size   49.34 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 9.1 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES

1N4769A Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4769A Datasheet PDF - Microsemi Corporation

Part # 1N4769A
Download  1N4769A Click to download

File Size   49.34 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 9.1 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES

1N4769A Datasheet (HTML) - Microsemi Corporation

1N4769A Datasheet HTML 1Page - Microsemi Corporation 1N4769A Datasheet HTML 2Page - Microsemi Corporation

1N4769A Product details

DESCRIPTION
The 1N4765 thru 1N4774A series of Zero-TC Reference Diodes provides a selection of 9.1 V nominal voltages and temperature coefficients to as low as 0.0005%/oC for minimal voltage change with temperature when operated at 7.5 mA. Options for screening similar to JAN, JANTX, JANTXV, and JANS also exist by using MQ, MX, MV or MSP respectively for part number prefixes and high reliability screening. Microsemi also offers numerous other Zener Reference Diode products for a variety of other voltages from 6.2 V to 200 V

FEATURES
• JEDEC registered 1N935 thru 1N940 series
• Standard reference voltage of 9.1V +/- 5%
• Internal metallurgical bonds
• JANS Equivalent available via SCD
• Options for screening in accordance with MIL PRF-19500 for JAN, JANTX, JANTXV, and JANS are available by adding MQ, MX, MV, or MSP prefixes respectively to part numbers. For example, designate “MX1N4769A” for a JANTX screen
• Radiation Hardened devices available by changing “1N” prefix to “RH”, e.g. RH4769A, RH 4774A, etc. Also consult factory for “RH” data sheet brochure for other radiation hardened reference diode products.

APPLICATIONS / BENEFITS
• Provides minimal voltage changes over a broad temperature range for instrumentation and other circuit designs requiring a voltage reference
• Temperature coefficient selections available  from 0.01%/ºC to 0.0005%/ºC
• Tight voltage tolerances available by adding tolerance 1%, 2%, 3%, etc. after part number for further identification, e.g. 1N4773A-2%, 1N4774A-1%, 1N4769-3%, 1N4769A-1%, etc.
• Flexible axial-leaded mounting terminals
• Nonsensitive to ESD per MIL-STD-750 Method 1020




Similar Part No. - 1N4769A

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4769A CDI-DIODE-1N4769A Datasheet
112Kb / 2P
   9.1 VOLT NOMINAL ZENER VOLTAGE 5%
logo
New Jersey Semi-Conduct...
1N4769A NJSEMI-1N4769A Datasheet
118Kb / 1P
   9.1 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Digitron Semiconductors
1N4769A DIGITRON-1N4769A Datasheet
174Kb / 3P
   9.1V TEMPERATURE COMPENSATED ZENER DIODE
logo
Dongguan City Niuhang E...
1N4769A NIUHANG-1N4769A Datasheet
354Kb / 3P
   PLASTIC-ENCAPSULATE ZENER DIODE
More results


Similar Description - 1N4769A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N4765 NJSEMI-1N4765 Datasheet
118Kb / 1P
   9.1 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N935 MICROSEMI-1N935 Datasheet
76Kb / 2P
   9.0 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3154 MICROSEMI-1N3154_1 Datasheet
137Kb / 3P
   8.4 Volt Temperature Compensated Zener Reference Diodes
logo
New Jersey Semi-Conduct...
1N941 NJSEMI-1N941 Datasheet
134Kb / 1P
   11.7 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N3154 MICROSEMI-1N3154 Datasheet
72Kb / 2P
   8.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4564 MICROSEMI-1N4564 Datasheet
82Kb / 2P
   6.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4584 MICROSEMI-1N4584 Datasheet
246Kb / 4P
   6.4 Volt Temperature Compensated Zener Reference Diodes
logo
Digitron Semiconductors
1N941 DIGITRON-1N941 Datasheet
230Kb / 2P
   11.7 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N935 DIGITRON-1N935 Datasheet
96Kb / 2P
   9.0 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N4775 MICROSEMI-1N4775 Datasheet
52Kb / 2P
   8.5 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com