Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N3827TR Datasheet (PDF) - Microsemi Corporation

1N3827TR Datasheet PDF - Microsemi Corporation
Part # 1N3827TR
Download  1N3827TR Download

File Size   288.39 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SILICON 1 WATT ZENER DIODES

1N3827TR Datasheet (PDF)

Go To PDF Page Download Datasheet
1N3827TR Datasheet PDF - Microsemi Corporation

Part # 1N3827TR
Download  1N3827TR Click to download

File Size   288.39 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SILICON 1 WATT ZENER DIODES

1N3827TR Datasheet (HTML) - Microsemi Corporation

1N3827TR Datasheet HTML 1Page - Microsemi Corporation 1N3827TR Datasheet HTML 2Page - Microsemi Corporation 1N3827TR Datasheet HTML 3Page - Microsemi Corporation

1N3827TR Product details

DESCRIPTION
This well established zener diode series for the 1N3821 thru 1N3830A JEDEC registration in the glass hermetic sealed DO-13 package provides a low voltage selection for 3.3 to 7.5 volts. It is also well suited for highreliability applications where it is available in JAN, JANTX, and JANTXV military qualifications. Higher voltages are also available in the 1N3016 thru 1N3051 series (6.8 V to 200 V) in the same package (see separate data sheet). Microsemi also offers numerous other Zener diode products for a variety of other packages including surface mount.

FEATURES
• Zener Voltage Range: 3.3 V to 7.5 V
• Hermetically sealed DO-13 metal package
• Internally solder-bonded construction.
• Also available in JAN, JANTX, JANTXV qualifications per MIL-PRF19500/115 by adding the JAN, JANTX, or JANTXV prefixes to part numbers for desired level of screening, e.g. JANTX1N3821, JANTXV1N3051A, etc.
• Surface mount also available with 1N3821UR-1 thru 1N30330AUR-1 series on separate data sheet

APPLICATIONS / BENEFITS
• Regulates voltage over a broad operating current and temperature range
• Low voltage selection from 3.3 to 7.5 V
• Tight voltage tolerances available
• Low reverse (leakage) currents
• Nonsensitive to ESD
• Hermetically sealed metal package
• Inherently radiation hard as described in Microsemi MicroNote 050




Similar Part No. - 1N3827TR

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N3827 CDI-DIODE-1N3827 Datasheet
43Kb / 2P
   1 WATT ZENER DIODE
logo
Motorola, Inc
1N3827 MOTOROLA-1N3827 Datasheet
235Kb / 6P
   1.0 WATT METAL SILICON ZENER DIODES
logo
Micro Commercial Compon...
1N3827 MCC-1N3827 Datasheet
108Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
1N3827 MCC-1N3827 Datasheet
238Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
logo
New Jersey Semi-Conduct...
1N3827 NJSEMI-1N3827 Datasheet
149Kb / 1P
   1N3821 thru 1N3830, 1N3016 thru 1N3051
More results


Similar Description - 1N3827TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4728AP MICROSEMI-1N4728AP Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Digitron Semiconductors
1N4728 DIGITRON-1N4728 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
Microsemi Corporation
SMBJ5221 MICROSEMI-SMBJ5221 Datasheet
89Kb / 2P
   SILICON 1 WATT ZENER DIODES
1N4728A MICROSEMI-1N4728A Datasheet
65Kb / 2P
   SILICON 1 WATT ZENER DIODES
1N4744APTR8 MICROSEMI-1N4744APTR8 Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Micro Commercial Compon...
SMAJ4728 MCC-SMAJ4728 Datasheet
387Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
New Jersey Semi-Conduct...
1N3017B NJSEMI-1N3017B Datasheet
230Kb / 2P
   SILICON 1 WATT ZENER DIODES
logo
Microsemi Corporation
1N3016B MICROSEMI-1N3016B Datasheet
101Kb / 2P
   Silicon 1 WATT Zener Diodes
1N4728AG MICROSEMI-1N4728AG Datasheet
178Kb / 3P
   Silicon 1 Watt Zener Diodes
1N4728A MICROSEMI-1N4728A Datasheet
88Kb / 2P
   SILICON 1 WATT ZENER DIODES
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com