Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6097 Datasheet (PDF) - Microsemi Corporation

1N6097 Datasheet PDF - Microsemi Corporation
Part # 1N6097
Download  1N6097 Download

File Size   120.91 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 50 Amp Schottky Rectifier

1N6097 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6097 Datasheet PDF - Microsemi Corporation

Part # 1N6097
Download  1N6097 Click to download

File Size   120.91 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 50 Amp Schottky Rectifier

1N6097 Datasheet (HTML) - Microsemi Corporation

1N6097 Datasheet HTML 1Page - Microsemi Corporation 1N6097 Datasheet HTML 2Page - Microsemi Corporation

1N6097 Product details

50 Amp Schottky Rectifier

• Schottky Barrier Rectifier
• 150°C Junction Temperature
• Guard ring protection
• VRRM - 30 to 40 Volts
• Reverse Energy Tested




Similar Part No. - 1N6097

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1N6097 TEL-1N6097 Datasheet
119Kb / 2P
   SCHOTTKY DIODES STUD TYPE 50 A
logo
Microsemi Corporation
1N6097 MICROSEMI-1N6097 Datasheet
128Kb / 2P
   50 Amp Schottk Rectifier
logo
New Jersey Semi-Conduct...
1N6097 NJSEMI-1N6097 Datasheet
135Kb / 1P
   Schottky Rectifiers Single Chip Devices
1N6097 NJSEMI-1N6097 Datasheet
115Kb / 1P
   SCHOTTKY BARRIER RECTIFIERS
logo
Naina Semiconductor ltd...
1N6097 NAINA-1N6097 Datasheet
123Kb / 2P
   Schottky Power Diode, 50A
More results


Similar Description - 1N6097

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N6097 DIGITRON-1N6097 Datasheet
135Kb / 2P
   50 AMP SCHOTTKY RECTIFIER
logo
Microsemi Corporation
SBR5090PF MICROSEMI-SBR5090PF Datasheet
111Kb / 2P
   50 Amp Schottky Rectifier
SBR5035PF MICROSEMI-SBR5035PF_07 Datasheet
121Kb / 2P
   50 Amp Schottky Rectifier Pressfit
SBR5035PF MICROSEMI-SBR5035PF Datasheet
115Kb / 2P
   50 Amp Schottky Rectifier Pressfit
FST5035 MICROSEMI-FST5035 Datasheet
131Kb / 2P
   50 AMP SCHOTTKY BARRIER RECTIFIER
FST5080 MICROSEMI-FST5080 Datasheet
135Kb / 2P
   50 AMP SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SR105 MCC-SR105_11 Datasheet
210Kb / 4P
   1 Amp Schottky Barrier Rectifier 50 - 100 Volts
SR105 MCC-SR105 Datasheet
76Kb / 3P
   1 Amp Schottky Barrier Rectifier 50 - 100 Volts
SR105 MCC-SR105_13 Datasheet
242Kb / 4P
   1 Amp Schottky Barrier Rectifier 50 - 100 Volts
SMD15PL MCC-SMD15PL Datasheet
201Kb / 3P
   1 Amp Schottky Rectifier 50 to 200 Volts
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com