Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5952B Datasheet (PDF) - Microsemi Corporation

1N5952B Datasheet PDF - Microsemi Corporation
Part # 1N5952B
Download  1N5952B Download

File Size   89.49 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SILICON 1.5 WATT ZENER DIODES

1N5952B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5952B Datasheet PDF - Microsemi Corporation

Part # 1N5952B
Download  1N5952B Click to download

File Size   89.49 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SILICON 1.5 WATT ZENER DIODES

1N5952B Datasheet (HTML) - Microsemi Corporation

1N5952B Datasheet HTML 1Page - Microsemi Corporation 1N5952B Datasheet HTML 2Page - Microsemi Corporation 1N5952B Datasheet HTML 3Page - Microsemi Corporation

1N5952B Product details

DESCRIPTION
The 1N5913-5956B series of 1.5 watt Zeners provides voltage regulation in a selection from 3.3 to 200 volts with different tolerances as identified by suffix letter on the part. These plastic encapsulated Zeners have moisture classification of Level 1 with no dry pack required. They are also available in various military screening levels by adding a prefix identifier as described in the Features below. The plastic molded Zeners with a P suffix provide a lower thermal resistance (junction to lead) compared to the optional glass body (G suffix) for these same JEDEC part numbers. Both package options are available by Microsemi. Microsemi also offers numerous other Zener products to meet higher or lower power and test-current applications.

FEATURES
• JEDEC registered 1N5913 to 1N5956B
• Zener voltage available 3.3V to 200V
• Standard voltage tolerances are plus/minus 5% with B suffix and 10 % with A suffix identification
• Tight tolerances available in plus or minus 2% or 1% with C or D suffix respectively
• Options for screening in accordance with MIL-PRF- 19500 for JAN, JANTX, JANTXV, and JANS are available by adding MQ, MX, MV, or MSP prefixes respectively to part numbers.
• Surface mount equivalents available as SMBJ5913 to SMBJ5956B or SMBG5913 to SMBG5956B
• Optional glass body axial-leaded Zeners available as 1N5913BG to 1N5956BG (see separate data sheet)

APPLICATIONS / BENEFITS
• Regulates voltage over a broad operating current and temperature range
• Wide selection from 3.3 to 200 V
• Flexible axial-lead mounting terminals
• Nonsensitive to ESD
• Moisture classification is Level 1 per IPC/JEDEC J-STD-020B with no dry pack required
• Specified capacitance (see Figure 3)




Similar Part No. - 1N5952B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5952B PANJIT-1N5952B Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
Central Semiconductor C...
1N5952B CENTRAL-1N5952B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
logo
Transys Electronics
1N5952B TRSYS-1N5952B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N5952B NJSEMI-1N5952B Datasheet
79Kb / 1P
   REF / REG DIODE, 1W
logo
Jinan Gude Electronic D...
1N5952B JGD-1N5952B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
More results


Similar Description - 1N5952B

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N5913B NJSEMI-1N5913B Datasheet
125Kb / 1P
   SILICON 1.5 WATT ZENER DIODES
logo
Microsemi Corporation
1N6485 MICROSEMI-1N6485 Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
JANS1N6490US MICROSEMI-JANS1N6490US Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
1N6485 CDI-DIODE-1N6485 Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
logo
Micro Commercial Compon...
SMBJ5918B MCC-SMBJ5918B Datasheet
348Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
logo
Continental Device Indi...
1N4477 CDIL-1N4477 Datasheet
81Kb / 3P
   SILICON GLASS PASSIVATED 1.5 WATT ZENER DIODES
logo
Micro Commercial Compon...
SMBJ5925BHE3 MCC-SMBJ5925BHE3 Datasheet
384Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
SMBJ5913B MCC-SMBJ5913B Datasheet
293Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
SMBJ5930B-TP MCC-SMBJ5930B-TP Datasheet
264Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com