Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15KE300A Datasheet (PDF) - Microsemi Corporation

15KE300A Datasheet PDF - Microsemi Corporation
Part # 15KE300A
Download  15KE300A Download

File Size   252.34 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description TRANSIENT ABSORPTION ZENER

15KE300A Datasheet (PDF)

Go To PDF Page Download Datasheet
15KE300A Datasheet PDF - Microsemi Corporation

Part # 15KE300A
Download  15KE300A Click to download

File Size   252.34 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description TRANSIENT ABSORPTION ZENER

15KE300A Datasheet (HTML) - Microsemi Corporation

15KE300A Datasheet HTML 1Page - Microsemi Corporation 15KE300A Datasheet HTML 2Page - Microsemi Corporation

15KE300A Product details

DESCRIPTION
The Transient Voltage Suppressor (TVS) series for 1N5908 & 1N6267-1N6303A are JEDEC registered selections for unidirectional devices. The popular series of 1.5KE6.8-1.5KE400CA offers similar voltages with an extended voltage range and also provides bidirectional options with a C or CA suffix. All have the same high Peak Pulse Power rating of 1500 W and extremely fast response time. They can protect from secondary lightning effects per IEC61000-4-5 and class levels described herein as well as inductive switching environments and induced RF protection. Since their response time is virtually instantaneous, they can also protect from ESD and EFT per IEC61000-4-2 and IEC61000-4-4.

FEATURES
• Economical TVS series for thru-hole mounting
• Available in both Unidirectional and Bidirectional (1.5KE series add C or CA suffix for Bidirectional)
• Voltages from 6.8 to 400 V Breakdown (VBR)
• Suppresses transients up to 1500 watts @ 10/1000 µs
• Optional 100% screening for avionics grade is available by adding MA prefix to part number for added 100% temperature cycle -55oC to +125oC (10X) as well as surge (3X) and 24 hours HTRB with post test VZ & IR (in the operating direction for unidirectional or both directions for bidirectional)
• Options for screening in accordance with MIL-PRF-19500 for JANTX are also available by adding MX prefix to the part number.
• Surface mount equivalent packages are available as SMCJ5.0 - SMCJ170CA or SMCG5.0 - SMCG170CA (consult factory for other surface mount options)
• Moisture classification is Level 1 with no dry pack required per IPC/JEDEC J-STD-020B
• RoHS Compliant devices available by adding “e3” suffix

APPLICATIONS / BENEFITS
• Protection from switching transients and induced RF
• Protection from ESD and EFT per IEC 61000-4-2 and IEC 61000-4-4 with fast response
• Secondary lightning protection per IEC61000-4-5 with 42 Ohms source impedance:
   Class 1: 1.5KE6.8A to 1.5KE200A or CA *
   Class 2: 1.5KE5.0A to 1.5KE180A or CA *
   Class 3: 1.5KE5.0A to 1.5KE91A or CA *
   Class 4: 1.5KE5.0A to 1.5KE43A or CA *
• Secondary lightning protection per IEC61000-4-5 with 12 Ohms source impedance:
   Class 1 : 1.5KE5.0A to 1.5KE110A or CA *
   Class 2: 1.5KE5.0A to 1.5KE56A or CA *
   Class 3: 1.5KE5.0A to 1.5KE27A or CA *
   Class 4: 1.5KE5.0A to 1.5KE13A or CA *
• Secondary lightning protection per IEC61000-4-5 with 2 Ohms source impedance:
   Class 2: 1.5KE5.0A to 1.5KE24A or CA *
   Class 3: 1.5KE5.0 to 1.5KE12A or CA *
* Also applies to 1N5908 and 1Nxxxx of same voltage




Similar Part No. - 15KE300A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
15KE300A RECTRON-15KE300A Datasheet
1Mb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE300A DIODES-15KE300A Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Leshan Radio Company
15KE300A LRC-15KE300A Datasheet
175Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
15KE300A PANJIT-15KE300A Datasheet
104Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
November 15,2012-REV.04
More results


Similar Description - 15KE300A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LDTS14 MICROSEMI-LDTS14 Datasheet
68Kb / 2P
   TRANSIENT ABSORPTION ZENER
15KP17 MICROSEMI-15KP17 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LCE65 MICROSEMI-LCE65 Datasheet
85Kb / 2P
   TRANSIENT ABSORPTION ZENER
1N5907 MICROSEMI-1N5907 Datasheet
78Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC65 MICROSEMI-LC65 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
ICT-5 MICROSEMI-ICT-5 Datasheet
71Kb / 2P
   TRANSIENT ABSORPTION ZENER
ICTE-5 MICROSEMI-ICTE-5 Datasheet
71Kb / 2P
   TRANSIENT ABSORPTION ZENER
1N6356 MICROSEMI-1N6356 Datasheet
89Kb / 2P
   TRANSIENT ABSORPTION ZENER
P4KE68 MICROSEMI-P4KE68 Datasheet
106Kb / 2P
   TRANSIENT ABSORPTION ZENER
PHP84 MICROSEMI-PHP84 Datasheet
80Kb / 2P
   TRANSIENT ABSORPTION ZENER
5KP50 MICROSEMI-5KP50 Datasheet
84Kb / 2P
   TRANSIENT ABSORPTION ZENER
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com