Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1301440023 Datasheet (PDF) - Molex Electronics Ltd.

1301440023 Datasheet PDF - Molex Electronics Ltd.
Part # 1301440023
Download  1301440023 Download

File Size   35.53 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Safeway Plug, 2 Pole/3 Wire, NEMA L5-15, 125V

1301440023 Datasheet (PDF)

Go To PDF Page Download Datasheet
1301440023 Datasheet PDF - Molex Electronics Ltd.

Part # 1301440023
Download  1301440023 Click to download

File Size   35.53 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Safeway Plug, 2 Pole/3 Wire, NEMA L5-15, 125V

1301440023 Datasheet (HTML) - Molex Electronics Ltd.

1301440023 Datasheet HTML 1Page - Molex Electronics Ltd.



Similar Part No. - 1301440023

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301440021 MOLEX11-1301440021 Datasheet
47Kb / 1P
   Safeway Plug, 2 Pole/2 Wire, NEMA L2-20, 250V
1301440022 MOLEX11-1301440022 Datasheet
38Kb / 1P
   Safeway Connector, 2 Pole/2 Wire, NEMA L2-20, 250V
1301440024 MOLEX11-1301440024 Datasheet
32Kb / 1P
   Safeway Plug, 2 Pole/3 Wire, NEMA L5-15, 125V, Yellow
1301440025 MOLEX11-1301440025 Datasheet
34Kb / 1P
   Safeway Connector, 2 Pole/3 Wire, NEMA L5-15, 125V
1301440027 MOLEX11-1301440027 Datasheet
36Kb / 1P
   Safeway Plug with Locking Blade, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
More results


Similar Description - 1301440023

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130144-0023 MOLEX11-130144-0023 Datasheet
42Kb / 1P
   Safeway Plug, 2 Pole/3 Wire, NEMA L5-15, 125V
130144-0024 MOLEX11-130144-0024 Datasheet
40Kb / 1P
   Safeway Plug, 2 Pole/3 Wire, NEMA L5-15, 125V, Yellow
1301440024 MOLEX11-1301440024 Datasheet
32Kb / 1P
   Safeway Plug, 2 Pole/3 Wire, NEMA L5-15, 125V, Yellow
130144-0025 MOLEX11-130144-0025 Datasheet
42Kb / 1P
   Safeway Connector, 2 Pole/3 Wire, NEMA L5-15, 125V
1301440025 MOLEX11-1301440025 Datasheet
34Kb / 1P
   Safeway Connector, 2 Pole/3 Wire, NEMA L5-15, 125V
1301450008 MOLEX11-1301450008 Datasheet
36Kb / 1P
   Safeway Plug, 2 Pole/3 Wire, NEMA L5-20, 125V
130145-0008 MOLEX11-130145-0008 Datasheet
44Kb / 1P
   Safeway Plug, 2 Pole/3 Wire, NEMA L5-20, 125V
130144-0026 MOLEX11-130144-0026 Datasheet
40Kb / 1P
   Safeway Connector 2 Pole/3 Wire, NEMA L5-15, 125V, Yellow
1301450010 MOLEX11-1301450010 Datasheet
36Kb / 1P
   Safeway Plug, 2 Pole/3 Wire, NEMA L5-20, 125V, Yellow
130145-0010 MOLEX11-130145-0010 Datasheet
44Kb / 1P
   Safeway Plug, 2 Pole/3 Wire, NEMA L5-20, 125V, Yellow
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com