Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1710 Datasheet (PDF) - Microsemi Corporation

LX1710 Datasheet PDF - Microsemi Corporation
Part # LX1710
Download  LX1710 Download

File Size   339.7 Kbytes
Page   18 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description EVALUATION KIT

LX1710 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX1710 Datasheet PDF - Microsemi Corporation

Part # LX1710
Download  LX1710 Click to download

File Size   339.7 Kbytes
Page   18 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description EVALUATION KIT

LX1710 Datasheet (HTML) - Microsemi Corporation

Back Button LX1710 Datasheet HTML 1Page - Microsemi Corporation LX1710 Datasheet HTML 2Page - Microsemi Corporation LX1710 Datasheet HTML 3Page - Microsemi Corporation LX1710 Datasheet HTML 4Page - Microsemi Corporation LX1710 Datasheet HTML 5Page - Microsemi Corporation LX1710 Datasheet HTML 6Page - Microsemi Corporation LX1710 Datasheet HTML 7Page - Microsemi Corporation LX1710 Datasheet HTML 8Page - Microsemi Corporation LX1710 Datasheet HTML 9Page - Microsemi Corporation LX1710 Datasheet HTML 10Page - Microsemi Corporation Next Button 

LX1710 Product details

INTRODUCING LX1710/1711 AUDIOMAX
Thank you for your interest in the latest generation of AudioMAX products. The enclosed LXE1710 evaluation board is a fully functional mono amplifier designed to demonstrate the “new and improved” Switching Class-D Power Amplifier IC from Linfinity Microsemi. The LX1710/1711 is a completely new controller design with superior performance over the LX1720 stereo controller IC. Key improvements include better SNR, lower noise floor, and reduced THD therefore resulting in a much “quieter” and “cleaner” sounding amplifier.

LX1710/1711 AUDIOMAX EVALUATION BOARD FEATURES AND CIRCUIT DESCRIPTION

• Fully Assembled Mono Evaluation Board with LX1710 Class-D Controller IC
• Supports Full Audio Bandwidth
• Improved SNR and Noise Floor Performance
• Optimized to Drive 4Ω Speaker Load
• Output Power of 25W typical (LX1710, 15VDD, 4Ω, 1% THD+N)
• Output Power of 54W typical (LX1711, 25VDD, 4Ω, 1% THD+N)
• Terminal Block Connectors for Supply Voltage and Speaker Connection
• RCA Plug for Audio Input Signal




Similar Part No. - LX1710

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1710 MICROSEMI-LX1710 Datasheet
245Kb / 9P
   Class-D Mono Power Amplifier Controller IC
LX1710CDB MICROSEMI-LX1710CDB Datasheet
245Kb / 9P
   Class-D Mono Power Amplifier Controller IC
More results


Similar Description - LX1710

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com