Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8117A-00CDD Datasheet (PDF) - Microsemi Corporation

LX8117A-00CDD Datasheet PDF - Microsemi Corporation
Part # LX8117A-00CDD
Download  LX8117A-00CDD Download

File Size   222.07 Kbytes
Page   9 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 0.8, 1 & 1.2A LOW DROPOUT POSITIVE REGULATORS

LX8117A-00CDD Datasheet (PDF)

Go To PDF Page Download Datasheet
LX8117A-00CDD Datasheet PDF - Microsemi Corporation

Part # LX8117A-00CDD
Download  LX8117A-00CDD Click to download

File Size   222.07 Kbytes
Page   9 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 0.8, 1 & 1.2A LOW DROPOUT POSITIVE REGULATORS

LX8117A-00CDD Datasheet (HTML) - Microsemi Corporation

LX8117A-00CDD Datasheet HTML 1Page - Microsemi Corporation LX8117A-00CDD Datasheet HTML 2Page - Microsemi Corporation LX8117A-00CDD Datasheet HTML 3Page - Microsemi Corporation LX8117A-00CDD Datasheet HTML 4Page - Microsemi Corporation LX8117A-00CDD Datasheet HTML 5Page - Microsemi Corporation LX8117A-00CDD Datasheet HTML 6Page - Microsemi Corporation LX8117A-00CDD Datasheet HTML 7Page - Microsemi Corporation LX8117A-00CDD Datasheet HTML 8Page - Microsemi Corporation LX8117A-00CDD Datasheet HTML 9Page - Microsemi Corporation

LX8117A-00CDD Product details

DESCRIPTION
The LX8117/8117A/8117B series are positive Low Dropout (LDO) regulators. At the designed maximum load current, the LX8117 series dropout voltage is guaranteed to be 1.2V or lower at 0.8A (LX8117A 1.3V @ 1A). The dropout voltage decreases with load current.

KEY FEATURES
■ 0.2% Line Regulation Maximum
■ 0.4% Load Regulation Maximum
■ Output Current Of 800mA
■ Regulates Down To 1.2V
   Dropout (LX8117) And 1.3V
   Dropout (LX8117A)
■ Operates Down To 1V Dropout
■ Space Saving SOT-223 Surface
   Mount Package
■ Guaranteed Dropout Voltage At
   Multiple Current Levels
■ Three-Terminal Adjustable Or
   Fixed 2.5V, 2.85V, 3.3V & 5V

APPLICATIONS
■ Battery Chargers
■ Active SCSI Terminators
■ 5V To 3.3V Linear Regulators
■ High-Efficiency Linear Regulators
■ Post Regulators For Switching Supplies




Similar Part No. - LX8117A-00CDD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8117A-XXCDD MICROSEMI-LX8117A-XXCDD Datasheet
375Kb / 11P
   0.8 , 1 & 1 .2A LOW DROPOUT POSI T I V E REGULATORS
LX8117A-XXCDT MICROSEMI-LX8117A-XXCDT Datasheet
375Kb / 11P
   0.8 , 1 & 1 .2A LOW DROPOUT POSI T I V E REGULATORS
LX8117A-XXCST MICROSEMI-LX8117A-XXCST Datasheet
375Kb / 11P
   0.8 , 1 & 1 .2A LOW DROPOUT POSI T I V E REGULATORS
More results


Similar Description - LX8117A-00CDD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX1117 ETC-AX1117 Datasheet
208Kb / 7P
   1.2A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117 HSMC-H1117 Datasheet
162Kb / 8P
   1.2A Low Dropout Positive Voltage Regulator
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
LX8585-XX MICROSEMI-LX8585-XX_05 Datasheet
276Kb / 10P
   4.6A Low Dropout Positive Regulators
LX8384-XX MICROSEMI-LX8384-XX Datasheet
216Kb / 8P
   5A LOW DROPOUT POSITIVE REGULATORS
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
LX8586 MICROSEMI-LX8586 Datasheet
266Kb / 9P
   6A Low Dropout Positive Regulators
LX8384-00CDD MICROSEMI-LX8384-00CDD Datasheet
149Kb / 11P
   5A Low Dropout Positive Regulators
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8582A-XX MICROSEMI-LX8582A-XX Datasheet
199Kb / 7P
   8.5A LOW DROPOUT POSITIVE REGULATORS
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com