Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1301410031 Datasheet (PDF) - Molex Electronics Ltd.

1301410031 Datasheet PDF - Molex Electronics Ltd.
Part # 1301410031
Download  1301410031 Download

File Size   43.21 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Super-Safeway Connector 2 Pole/3 Wire, NEMA 5-15, 125V

1301410031 Datasheet (PDF)

Go To PDF Page Download Datasheet
1301410031 Datasheet PDF - Molex Electronics Ltd.

Part # 1301410031
Download  1301410031 Click to download

File Size   43.21 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Super-Safeway Connector 2 Pole/3 Wire, NEMA 5-15, 125V

1301410031 Datasheet (HTML) - Molex Electronics Ltd.

1301410031 Datasheet HTML 1Page - Molex Electronics Ltd.



Similar Part No. - 1301410031

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301410030 MOLEX11-1301410030 Datasheet
52Kb / 1P
   Super-Safeway Connector, 2 Pole/3 Wire, NEMA 7-15, 277V
1301410032 MOLEX11-1301410032 Datasheet
43Kb / 1P
   Super-Safeway Extra-Hard Outdoor Use Connector 2 Pole/3 Wire, NEMA 5-15, 125V
1301410036 MOLEX11-1301410036 Datasheet
35Kb / 1P
   Super-Safeway Connector, 2 Pole/3 Wire, NEMA 6-20, 250V
1301410038 MOLEX11-1301410038 Datasheet
52Kb / 1P
   Super-Safeway Connector, 2 Pole/3 Wire, NEMA 6-15, 250V
More results


Similar Description - 1301410031

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130144-0044 MOLEX11-130144-0044 Datasheet
44Kb / 1P
   Safeway Connector 2 Pole/3 Wire, NEMA 5-15, 125V
1301440044 MOLEX11-1301440044 Datasheet
37Kb / 1P
   Safeway Connector 2 Pole/3 Wire, NEMA 5-15, 125V
130141-0016 MOLEX11-130141-0016 Datasheet
48Kb / 1P
   Super-Safeway Plug, 2 Pole/3 Wire, NEMA 5-15, 125V, Black
1301410016 MOLEX11-1301410016 Datasheet
40Kb / 1P
   Super-Safeway Plug, 2 Pole/3 Wire, NEMA 5-15, 125V, Black
1301440036 MOLEX11-1301440036 Datasheet
37Kb / 1P
   Safeway Plug, 2 Pole/3 Wire, NEMA 5-15, 125V
130144-0050 MOLEX11-130144-0050 Datasheet
43Kb / 1P
   Safeway Connector, 2 Pole/3 Wire, NEMA 5-15, 125V, Yellow
130144-0048 MOLEX11-130144-0048 Datasheet
54Kb / 1P
   Safeway Connector, 2 Pole/3 Wire, NEMA 5-15, 125V, Lighted
1301440048 MOLEX11-1301440048 Datasheet
46Kb / 1P
   Safeway Connector, 2 Pole/3 Wire, NEMA 5-15, 125V, Lighted
1301440050 MOLEX11-1301440050 Datasheet
35Kb / 1P
   Safeway Connector, 2 Pole/3 Wire, NEMA 5-15, 125V, Yellow
130141-0025 MOLEX11-130141-0025 Datasheet
53Kb / 1P
   Super-Safeway Connector 2 Pole/3 Wire, NEMA 5-20, 125V
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com