Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5003ABH Datasheet (PDF) - Nippon Precision Circuits Inc

SM5003ABH Datasheet PDF - Nippon Precision Circuits Inc
Part # SM5003ABH
Download  SM5003ABH Download

File Size   58.03 Kbytes
Page   8 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Quartz Crystal Oscillator IC

SM5003ABH Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5003ABH Datasheet PDF - Nippon Precision Circuits Inc

Part # SM5003ABH
Download  SM5003ABH Click to download

File Size   58.03 Kbytes
Page   8 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Quartz Crystal Oscillator IC

SM5003ABH Datasheet (HTML) - Nippon Precision Circuits Inc

SM5003ABH Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5003ABH Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5003ABH Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5003ABH Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5003ABH Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5003ABH Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5003ABH Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5003ABH Datasheet HTML 8Page - Nippon Precision Circuits Inc

SM5003ABH Product details

OVERVIEW
The SM5003 Series is quartz crystal oscillator ICs fabricated in NPC’s Molybdenum-gate CMOS. They comprise low-voltage low-current consumption oscillator circuits and output buffers. They incorporate built-in oscillation capacitance with superior frequency response to realize without any external components.

FEATURES
• Oscillation frequency up to 70MHz
• 3rd overtone oscillation
• 4.5 to 5.5 V supply voltage
• Inverter amplifier feedback resistance built-in (Rf )
• Oscillation capacitance built-in (CG and CD)
• Output drive capability : 8 mA (VDD=4.5V)
• Output frequency : fo (Oscillation frequency)
• Output duty level
    SM5003A×H : CMOS
    SM5003B×H : TTL
• Input level : TTL
• 3 state function
• Chip form (CF5003××)
• 6 pin SOT (SM5003××H)




Similar Part No. - SM5003ABH

ManufacturerPart #DatasheetDescription
logo
DB Unlimited.
SM500308-1 DBUNLIMITED-SM500308-1 Datasheet
294Kb / 1P
   Released from Engineering
SM500308-2 DBUNLIMITED-SM500308-2 Datasheet
1Mb / 1P
   Released from Engineering
SM500316-1 DBUNLIMITED-SM500316-1 Datasheet
326Kb / 1P
   Released from Engineering
More results


Similar Description - SM5003ABH

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5004 NPC-SM5004 Datasheet
58Kb / 8P
   Quartz Crystal Oscillator IC
SM5623N NPC-SM5623N Datasheet
159Kb / 8P
   Quartz Crystal Oscillator IC
SM5013 NPC-SM5013 Datasheet
68Kb / 10P
   Quartz Crystal Oscillator IC
SM5624N NPC-SM5624N Datasheet
112Kb / 6P
   Quartz Crystal Oscillator Module IC
logo
New Japan Radio
NJU6398 NJRC-NJU6398 Datasheet
112Kb / 7P
   LVDS-output Quartz Crystal Oscillator IC
NJU6315 NJRC-NJU6315 Datasheet
103Kb / 4P
   0.9V Operation Fundamental Quartz Crystal Oscillator IC
NJU6322 NJRC-NJU6322 Datasheet
290Kb / 5P
   QUARTZ CRYSTAL OSCILLATOR
NJU6318 NJRC-NJU6318 Datasheet
235Kb / 5P
   QUARTZ CRYSTAL OSCILLATOR
NJU6323 NJRC-NJU6323 Datasheet
291Kb / 4P
   QUARTZ CRYSTAL OSCILLATOR
NJU6319 NJRC-NJU6319 Datasheet
233Kb / 5P
   QUARTZ CRYSTAL OSCILLATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com