Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE51 Datasheet (PDF) - Microsemi Corporation

P6KE51 Datasheet PDF - Microsemi Corporation
Part # P6KE51
Download  P6KE51 Download

File Size   83.29 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description TRANSIENT ABSORPTION ZENER

P6KE51 Datasheet (PDF)

Go To PDF Page Download Datasheet
P6KE51 Datasheet PDF - Microsemi Corporation

Part # P6KE51
Download  P6KE51 Click to download

File Size   83.29 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description TRANSIENT ABSORPTION ZENER

P6KE51 Datasheet (HTML) - Microsemi Corporation

P6KE51 Datasheet HTML 1Page - Microsemi Corporation P6KE51 Datasheet HTML 2Page - Microsemi Corporation

P6KE51 Product details

DESCRIPTION
This P6KE series is an economical 600 W Transient Voltage Suppressor (TVS) for protecting voltage-sensitive components from destruction or degradation. It is available in both unidirectional and bi-directional configurations as well as RoHS Compliant (annealed matte-Tin finish) with an e3 suffix added to the part number. The response time of their clamping action is virtually instantaneous.

FEATURES
• Available in both unidirectional and bidirectional (add C or CA suffix to part number for bidirectional)
• Optional 100% screening for avionics grade is available by adding MA prefix to part number for added 100% temperature cycle -55°C to +125°C (10X) as well as surge (3X) and 24 hours HTRB with post test VZ & IR (in the operating direction for unidirectional or both directions for bidirectional)
• Options for screening in accordance with MIL-PRF- 19500 for JAN, JANTX, and JANTXV are available by adding MQ, MX, or MV prefixes respectively to part numbers.
• Surface mount equivalents available as SMBJP6KE6.8 to SMBJP6KE200CA or SMBJ5.0 to SMBJ170CA (consult factory for other surface mount options)
• Moisture classification is Level 1 with no dry pack required per IPC/JEDEC J-STD-020B
• RoHS Compliant devices available by adding “e3” suffix

APPLICATIONS / BENEFITS
• Selections for 6.8 to 200 volts breakdown (VBR)
• Economical TVS series for thru-hole mounting
• Protects sensitive components such as IC’s, CMOS, Bipolar, BiCMOS, ECL, DTL, T2L, etc.
• Protection from switching transients & induced RF
• Compliant to IEC61000-4-2 and IEC61000-4-4 for ESD and EFT protection respectively
• Secondary lightning protection per IEC61000-4-5 with 42 Ohms source impedance:
    Class 1: P6KE6.8 to P6KE130A or CA
    Class 2: P6KE6.8 to P6KE68A or CA
    Class 3: P6KE6.8 to P6KE36A or CA
    Class 4: P6KE6.8 to P6KE18A or CA
• Secondary lightning protection per IEC61000-4-5 with 12 Ohms source impedance:
    Class 1: P6KE6.8 to P6KE43A or CA
    Class 2: P6KE6.8 to P6KE22A or CA




Similar Part No. - P6KE51

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P6KE51 TSC-P6KE51 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
logo
Pan Jit International I...
P6KE51 PANJIT-P6KE51 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Chongqing Pingwei Enter...
P6KE51 CHONGQING-P6KE51 Datasheet
249Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Digitron Semiconductors
P6KE51 DIGITRON-P6KE51 Datasheet
411Kb / 5P
   600 WATT TRANSIENT VOLTAGE SUPPRESSORS
logo
Diotec Semiconductor
P6KE51 DIOTEC-P6KE51 Datasheet
154Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Similar Description - P6KE51

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LDTS14 MICROSEMI-LDTS14 Datasheet
68Kb / 2P
   TRANSIENT ABSORPTION ZENER
15KP17 MICROSEMI-15KP17 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LCE65 MICROSEMI-LCE65 Datasheet
85Kb / 2P
   TRANSIENT ABSORPTION ZENER
1N5907 MICROSEMI-1N5907 Datasheet
78Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC65 MICROSEMI-LC65 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
ICT-5 MICROSEMI-ICT-5 Datasheet
71Kb / 2P
   TRANSIENT ABSORPTION ZENER
ICTE-5 MICROSEMI-ICTE-5 Datasheet
71Kb / 2P
   TRANSIENT ABSORPTION ZENER
1N6356 MICROSEMI-1N6356 Datasheet
89Kb / 2P
   TRANSIENT ABSORPTION ZENER
P4KE68 MICROSEMI-P4KE68 Datasheet
106Kb / 2P
   TRANSIENT ABSORPTION ZENER
PHP84 MICROSEMI-PHP84 Datasheet
80Kb / 2P
   TRANSIENT ABSORPTION ZENER
5KP50 MICROSEMI-5KP50 Datasheet
84Kb / 2P
   TRANSIENT ABSORPTION ZENER
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com