Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG7812K Datasheet (PDF) - Microsemi Corporation

SG7812K Datasheet PDF - Microsemi Corporation
Part # SG7812K
Download  SG7812K Download

File Size   96.94 Kbytes
Page   7 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description POSITIVE FIXED VOLTAGE REGULATOR

SG7812K Datasheet (PDF)

Go To PDF Page Download Datasheet
SG7812K Datasheet PDF - Microsemi Corporation

Part # SG7812K
Download  SG7812K Click to download

File Size   96.94 Kbytes
Page   7 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description POSITIVE FIXED VOLTAGE REGULATOR

SG7812K Datasheet (HTML) - Microsemi Corporation

SG7812K Datasheet HTML 1Page - Microsemi Corporation SG7812K Datasheet HTML 2Page - Microsemi Corporation SG7812K Datasheet HTML 3Page - Microsemi Corporation SG7812K Datasheet HTML 4Page - Microsemi Corporation SG7812K Datasheet HTML 5Page - Microsemi Corporation SG7812K Datasheet HTML 6Page - Microsemi Corporation SG7812K Datasheet HTML 7Page - Microsemi Corporation

SG7812K Product details

DESCRIPTION
The SG7800A/SG7800 series of positive regulators offer self contained, fixed-voltage capability with up to 1.5A of load current and input voltage up to 50V (SG7800A series only). These units feature a unique on-chip trimming system to set the output voltages to within±1.5% of nominal on the SG7800A series,±2.0% on the SG7800 series. The SG7800A versions also offer much improved line and load regulation characteristics. Utilizing an improved Bandgap reference design, problems have been eliminated that are normally associated with the Zener diode references, such as drift in output voltage and large changes in the line and load regulation.

FEATURES
• Output voltage set internally to ±1.5% on SG7800A
• Input voltage range to 50V max. on SG7800A
• Two volt input-output differential
• Excellent line and load regulation
• Foldback current limiting
• Thermal overload protection
• Voltages available: 5V, 12V, 15V
• Available in surface mount package




Similar Part No. - SG7812K

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SG7812 SECOS-SG7812 Datasheet
474Kb / 6P
   Positive Voltage Regulator
SG7812A SECOS-SG7812A Datasheet
486Kb / 6P
   Positive Voltage Regulator
logo
Microsemi Corporation
SG7812AG/DESC MICROSEMI-SG7812AG/DESC Datasheet
420Kb / 8P
   Positive Fixed Voltage Regulator
SG7812AGDESC MICROSEMI-SG7812AGDESC Datasheet
409Kb / 8P
   Positive Fixed Voltage Regulator
logo
Micro Electronics
SG7812AIG MICRO-ELECTRONICS-SG7812AIG Datasheet
112Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
More results


Similar Description - SG7812K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG7800A ETC1-SG7800A Datasheet
110Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
SG7805K-883B MICROSEMI-SG7805K-883B Datasheet
409Kb / 8P
   Positive Fixed Voltage Regulator
logo
Seme LAB
IP140ME SEME-LAB-IP140ME Datasheet
336Kb / 8P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Micro Electronics
SG7815T MICRO-ELECTRONICS-SG7815T Datasheet
112Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
M3851014103BEA MICROSEMI-M3851014103BEA Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
IL78L05 KODENSHI-IL78L05 Datasheet
237Kb / 13P
   FIXED VOLTAGE REGULATOR (POSITIVE)
logo
Microsemi Corporation
SG7800A MICROSEMI-SG7800A_1 Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
SG78XXA MICROSEMI-SG78XXA_10 Datasheet
420Kb / 8P
   Positive Fixed Voltage Regulator
SG7824AT-883B MICROSEMI-SG7824AT-883B Datasheet
396Kb / 8P
   Positive Fixed Voltage Regulator
logo
List of Unclassifed Man...
TS7800 ETC-TS7800 Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com