Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ5954 Datasheet (PDF) - Microsemi Corporation

SMAJ5954 Datasheet PDF - Microsemi Corporation
Part # SMAJ5954
Download  SMAJ5954 Download

File Size   168.59 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SILICON 3.0 WATT ZENER DIODES

SMAJ5954 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMAJ5954 Datasheet PDF - Microsemi Corporation

Part # SMAJ5954
Download  SMAJ5954 Click to download

File Size   168.59 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SILICON 3.0 WATT ZENER DIODES

SMAJ5954 Datasheet (HTML) - Microsemi Corporation

SMAJ5954 Datasheet HTML 1Page - Microsemi Corporation SMAJ5954 Datasheet HTML 2Page - Microsemi Corporation

SMAJ5954 Product details

Features
• For Surface Mount Applications (flat handling surface for accurate placement)
• Zener Voltage 3.3V to 200V
• Withstands Large Surge Stresses
• Electrically Equivalent to JEDEC Registered Series IN5913 through IN5956
• High Surge Current Rating

Mechanical Data
• Package similar to JEDEC DO-214AC (see dimension ‘A’ note)
• Terminals solderable per MIL-STD-750, Method 2026
• Polarity is indicated by cathode band
• Maximum temperature for soldering: 260°C for 10 seconds
• Plastic surface mount body meets UL94V-0 flame retardent epoxy




Similar Part No. - SMAJ5954

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SMAJ5954B BILIN-SMAJ5954B Datasheet
153Kb / 4P
   Surface mount zener diode
logo
Micro Commercial Compon...
SMAJ5954BHE3 MCC-SMAJ5954BHE3 Datasheet
565Kb / 5P
   1.5 Watt Zener Diode 10 to 200 Volts
More results


Similar Description - SMAJ5954

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1PMT5913B MICROSEMI-1PMT5913B Datasheet
113Kb / 2P
   3.0 WATT Zener Diodes
logo
Micro Commercial Compon...
3SMAJ5930B-TP MCC-3SMAJ5930B-TP Datasheet
266Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
SMA5C5V1 MCC-SMA5C5V1 Datasheet
281Kb / 3P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5913B MCC-3SMAJ5913B_18 Datasheet
329Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5913B-TP MCC-3SMBJ5913B-TP Datasheet
250Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5918B MCC-3SMBJ5918B_18 Datasheet
347Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3MSMA1J59138B MCC-3MSMA1J59138B Datasheet
330Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5913B MCC-3SMBJ5913B_18 Datasheet
333Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5925BHE3 MCC-3SMBJ5925BHE3 Datasheet
328Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5956B-TP MCC-3SMAJ5956B-TP Datasheet
338Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com