Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5006AHDS Datasheet (PDF) - Nippon Precision Circuits Inc

SM5006AHDS Datasheet PDF - Nippon Precision Circuits Inc
Part # SM5006AHDS
Download  SM5006AHDS Download

File Size   185.0 Kbytes
Page   18 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Crystal Oscillator Module ICs

SM5006AHDS Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5006AHDS Datasheet PDF - Nippon Precision Circuits Inc

Part # SM5006AHDS
Download  SM5006AHDS Click to download

File Size   185.0 Kbytes
Page   18 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Crystal Oscillator Module ICs

SM5006AHDS Datasheet (HTML) - Nippon Precision Circuits Inc

Back Button SM5006AHDS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5006AHDS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5006AHDS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5006AHDS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5006AHDS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5006AHDS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5006AHDS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5006AHDS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5006AHDS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5006AHDS Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button 

SM5006AHDS Product details

OVERVIEW
The SM5006 series are crystal oscillator module ICs, that incorporate high-frequency, low current consumption oscillator and output buffer circuits. Highly accurate thin-film feedback resistors and high-frequency capacitors are built-in, eliminating the need for external components to make a stable 3rd overtone oscillator.

FEATURES
■ Up to 107MHz operation
■ Capacitors CG, CD built-in
■ Inverter amplifier feedback resistor built-in
■ TTL input level
■ 16mA (VDD = 4.5V) drive capability
■ 4mA (VDD = 4.5V) drive capability (5006AH×)
■ Output three-state function
■ 2.7 to 5.5V supply voltage
■ Oscillator frequency output
■ 8-pin SOP (SM5006×××S)
■ Chip form (CF5006×××)




Similar Part No. - SM5006AHDS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006AHDS NPC-SM5006AHDS Datasheet
129Kb / 19P
   Crystal Oscillator Module ICs
More results


Similar Description - SM5006AHDS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com