Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2P6M Datasheet (PDF) - NEC

2P6M Datasheet PDF - NEC
Part # 2P6M
Download  2P6M Download

File Size   396.47 Kbytes
Page   1 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 2A PLASTIC MOLDED THYRISTOR

2P6M Datasheet (PDF)

Go To PDF Page Download Datasheet
2P6M Datasheet PDF - NEC

Part # 2P6M
Download  2P6M Click to download

File Size   396.47 Kbytes
Page   1 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 2A PLASTIC MOLDED THYRISTOR

2P6M Datasheet (HTML) - NEC

2P6M Datasheet HTML 1Page - NEC

2P6M Product details

SEMICONDUCTOR SELECTION GUIDE

   Microcomputer
   IC Memory
   Semi-Custom IC
   Particular Purpose IC
   General Purpose Linear IC
   Transistor / Diode / Thyristor
   Microwave Device / Consumer Use High Frequency Device
   Optical Device
   Packages
   Index (Quick Reference by Type Number)




Similar Part No. - 2P6M

ManufacturerPart #DatasheetDescription
logo
NEC
2P6M NEC-2P6M Datasheet
311Kb / 1P
   Opto-Electronic Devices(NEPOC)
logo
Tiger Electronic Co.,Lt...
2P6M TGS-2P6M Datasheet
57Kb / 1P
   Triacs sensitive gate
logo
Inchange Semiconductor ...
2P6M ISC-2P6M Datasheet
129Kb / 1P
   Electric blanket,electronic jar,various temperature
logo
HAOPIN MICROELECTRONICS...
2P6M HAOPIN-2P6M Datasheet
669Kb / 5P
   Blocking voltage to 600 V
More results


Similar Description - 2P6M

ManufacturerPart #DatasheetDescription
logo
NEC
2P5M NEC-2P5M Datasheet
396Kb / 6P
   2A PLASTIC MOLDED THYRISTOR
logo
Inchange Semiconductor ...
2P4M ISC-2P4M Datasheet
122Kb / 1P
   PLASTIC MOLDED THYRISTOR
logo
NEC
2V5P4M NEC-2V5P4M Datasheet
653Kb / 6P
   2.5 A PLASTIC MOLDED THYRISTOR
logo
Renesas Technology Corp
CR2AS-16A RENESAS-CR2AS-16A Datasheet
475Kb / 7P
   800V - 2A - Thyristor
May. 10, 2019
CR2AS-8UE RENESAS-CR2AS-8UE Datasheet
474Kb / 6P
   400V - 2A - Thyristor
May. 10, 2019
CR2PM-8UE RENESAS-CR2PM-8UE Datasheet
824Kb / 6P
   400V - 2A - Thyristor
Dec 24, 2014
CR2AS-8UE RENESAS-CR2AS-8UE_15 Datasheet
138Kb / 6P
   400V - 2A ??Thyristor Low Power Use
CR2PM-8UE RENESAS-CR2PM-8UE_15 Datasheet
289Kb / 6P
   400V - 2A - Thyristor Low Power Use
CR2AS-16A RENESAS-CR2AS-16A_15 Datasheet
136Kb / 7P
   800V ??2A -Thyristor Medium Power Use
logo
Frontier Electronics.
GP20-005-LFR FRONTIER-GP20-005-LFR Datasheet
121Kb / 2P
   2A GENERAL PURPOSE PLASTIC RECTIFIER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com