Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2872 Datasheet (PDF) - New Japan Radio

NJM2872 Datasheet PDF - New Japan Radio
Part # NJM2872
Download  NJM2872 Download

File Size   118.16 Kbytes
Page   8 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description LOW DROPOUT VOLTAGE REGULATOR

NJM2872 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM2872 Datasheet PDF - New Japan Radio

Part # NJM2872
Download  NJM2872 Click to download

File Size   118.16 Kbytes
Page   8 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description LOW DROPOUT VOLTAGE REGULATOR

NJM2872 Datasheet (HTML) - New Japan Radio

NJM2872 Datasheet HTML 1Page - New Japan Radio NJM2872 Datasheet HTML 2Page - New Japan Radio NJM2872 Datasheet HTML 3Page - New Japan Radio NJM2872 Datasheet HTML 4Page - New Japan Radio NJM2872 Datasheet HTML 5Page - New Japan Radio NJM2872 Datasheet HTML 6Page - New Japan Radio NJM2872 Datasheet HTML 7Page - New Japan Radio NJM2872 Datasheet HTML 8Page - New Japan Radio

NJM2872 Product details

■ GENERAL DESCRIPTION

The NJM2871/A, NJM2872/A are low dropout voltage regulators designed for cellular phone application. Advanced Bipolar technology achieves low noise, high ripple rejection and low quiescent current.



■ FEATURES

●High Ripple Rejection 70dB typ. (f=1kHz)

●Output Noise Voltage Vno=30µVrms (Cp=0.01µF)

●Output capacitor with 1.0uF ceramic capacitor (Vo≥2.7V)

●Output Current Io(max.)=150mA

●High Precision Output Vo±2%

                      Vo±1%:A Version

●Low Dropout Voltage 0.10V typ. (Io=60mA)

●ON/OFF Control (Active High)

●Operating Voltage Range +2.5V∼+14V (Vo≤2.0V version)

●Internal Short Circuit Current Limit

●Internal Thermal Overload Protection

●Bipolar Technology

●Package Outline MTP5 (MTP5:2.8×2.9×1.1mm)




Similar Part No. - NJM2872

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2872 NJRC-NJM2872 Datasheet
139Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
Ver.2013-02-28
NJM2872A NJRC-NJM2872A Datasheet
139Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
Ver.2013-02-28
NJM2872B NJRC-NJM2872B Datasheet
180Kb / 9P
   Low Dropout Voltage Regulator
NJM2872BF NJRC-NJM2872BF Datasheet
180Kb / 9P
   Low Dropout Voltage Regulator
NJM2872F/AF NJRC-NJM2872F/AF Datasheet
139Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
Ver.2013-02-28
More results


Similar Description - NJM2872

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com