Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM6503AH Datasheet (PDF) - Nippon Precision Circuits Inc

SM6503AH Datasheet PDF - Nippon Precision Circuits Inc
Part # SM6503AH
Download  SM6503AH Download

File Size   70.2 Kbytes
Page   4 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Diode Array for ESD Protection

SM6503AH Datasheet (PDF)

Go To PDF Page Download Datasheet
SM6503AH Datasheet PDF - Nippon Precision Circuits Inc

Part # SM6503AH
Download  SM6503AH Click to download

File Size   70.2 Kbytes
Page   4 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Diode Array for ESD Protection

SM6503AH Datasheet (HTML) - Nippon Precision Circuits Inc

SM6503AH Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6503AH Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6503AH Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6503AH Datasheet HTML 4Page - Nippon Precision Circuits Inc

SM6503AH Product details

OVERVIEW
The SM6503A is the Diode array for ESD protection. 5 circuits consisted of diode element are integrated into ultra-small 6 pin plastic package. It is the most appropriate to protect the external interface circuit of portable equipment which requires miniaturization from ESD.

FEATURES
■ ± 12kV ESD immunity level (IEC61000-4-2 contact discharge)
■ Clamp voltage: 7.5V typ.
■ Low capacitance: 10pF typ.
■ 5 circuits integrated into one package
■ Ultra-small package
    • SM6503AD: 6-pin SON
    • SM6503AH: SOT23-6

APPLICATIONS
■ Cellular phone
■ PDA
■ Set Top Box
■ Digital Still Camera




Similar Part No. - SM6503AH

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6500AA-2 NPC-SM6500AA-2 Datasheet
91Kb / 5P
   RC Network with ESD Protection
More results


Similar Description - SM6503AH

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
ESDT6L23A5V04R JINGHENG-ESDT6L23A5V04R Datasheet
526Kb / 4P
   ESD Protection Diode Array
logo
Vishay Siliconix
GMDA05 VISHAY-GMDA05 Datasheet
80Kb / 3P
   ESD Protection Diode Array
Rev. 2, 02-Jun-03
logo
Jinan Jing Heng Electro...
ESDN2L1006C5V01L JINGHENG-ESDN2L1006C5V01L Datasheet
552Kb / 4P
   ESD Protection Diode Array
ESDN10L2510C5V04R JINGHENG-ESDN10L2510C5V04R Datasheet
471Kb / 4P
   ESD Protection Diode Array
ESDT23A3V02V JINGHENG-ESDT23A3V02V Datasheet
494Kb / 4P
   ESD Protection Diode Array
ESDT23C5V02V JINGHENG-ESDT23C5V02V Datasheet
432Kb / 4P
   ESD Protection Diode Array
logo
Vishay Siliconix
GMF05C VISHAY-GMF05C Datasheet
142Kb / 4P
   ESD Protection Diode Array
Rev. 1.1, 02-Mar-05
logo
Jinan Jing Heng Electro...
ESDT23A5V02V JINGHENG-ESDT23A5V02V Datasheet
489Kb / 4P
   ESD Protection Diode Array
ESDT23A24V02V JINGHENG-ESDT23A24V02V Datasheet
513Kb / 4P
   ESD Protection Diode Array
logo
Surge Components
SESLC5VT236-6U SURGE-SESLC5VT236-6U Datasheet
264Kb / 5P
   ESD Protection Diode Array
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com