Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5SMC170A Datasheet (PDF) - Diotech Company.

1.5SMC170A Datasheet PDF - Diotech Company.
Part # 1.5SMC170A
Download  1.5SMC170A Download

File Size   1265.8 Kbytes
Page   3 Pages
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

1.5SMC170A Datasheet (PDF)

Go To PDF Page Download Datasheet
1.5SMC170A Datasheet PDF - Diotech Company.

Part # 1.5SMC170A
Download  1.5SMC170A Click to download

File Size   1265.8 Kbytes
Page   3 Pages
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

1.5SMC170A Datasheet (HTML) - Diotech Company.

1.5SMC170A Datasheet HTML 1Page - Diotech Company. 1.5SMC170A Datasheet HTML 2Page - Diotech Company. 1.5SMC170A Datasheet HTML 3Page - Diotech Company.

1.5SMC170A Product details

Stand - Off Voltage - 6.8 to 550 Volts
Peak Pulse Power - 1500 Watt

FEATURES
● Glass Passivated Die Construction
● Uni- and Bi-Directional Versions Available
● Excellent Clamping Capability
● Fast Response Time
● Plastic Case Material has UL Flammability
   Classification Rating 94V-O




Similar Part No. - 1.5SMC170A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1.5SMC170A CENTRAL-1.5SMC170A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Jiangsu High diode Semi...
1.5SMC170A HDSEMI-1.5SMC170A Datasheet
1Mb / 5P
   SMC Plastic-Encapsulate Diodes
logo
MDE Semiconductor, Inc.
1.5SMC170A MDE-1.5SMC170A Datasheet
169Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
UN Semiconducctor INC
1.5SMC170A UNSEMI-1.5SMC170A Datasheet
3Mb / 7P
   6.8 To 600V 1500W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Vishay Siliconix
1.5SMC170A VISHAY-1.5SMC170A Datasheet
103Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 14-Dec-12
More results


Similar Description - 1.5SMC170A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com