Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8706AV Datasheet (PDF) - Nippon Precision Circuits Inc

SM8706AV Datasheet PDF - Nippon Precision Circuits Inc
Part # SM8706AV
Download  SM8706AV Download

File Size   100.54 Kbytes
Page   8 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Clock Generator for DVD Players

SM8706AV Datasheet (PDF)

Go To PDF Page Download Datasheet
SM8706AV Datasheet PDF - Nippon Precision Circuits Inc

Part # SM8706AV
Download  SM8706AV Click to download

File Size   100.54 Kbytes
Page   8 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Clock Generator for DVD Players

SM8706AV Datasheet (HTML) - Nippon Precision Circuits Inc

SM8706AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8706AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8706AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8706AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8706AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8706AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8706AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8706AV Datasheet HTML 8Page - Nippon Precision Circuits Inc

SM8706AV Product details

OVERVIEW
The SM8706A is a clock generator IC that generates 3 clocks with 6 outputs from a 36.8640MHz master clock for application in DVD players. The SM8706A has 2 built-in PLL circuits that together with a crystal oscillator can generate the 384fs and 768fs audio system clocks, 27MHz and 54MHz video system clocks, and 16.9344MHz and 33.8688MHz signal processor system clocks required for a DVD player. The SM8706A also supports the 44.1kHz and 48kHz sampling frequencies, and the sampling frequency can be switched while the device is operating.

FEATURES
■ 36.8640MHz master clock (internal PLL reference clock)
■ Generated clocks
    • Video system output: 27MHz, 54MHz
    • Audio system output: 384fs, 768fs
    • Signal processor system output: 16.9344MHz, 33.8688MHz
■ Supported sampling frequency fs: 44.1/48kHz
■ Low jitter output: 40ps (typ, 1-sigma, 25pF load)
■ Supply voltage: 3.3V ± 0.3V
■ 16-pin VSOP package

APPLICATIONS
■ DVD players
■ DVD car navigation system




Similar Part No. - SM8706AV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8701 NPC-SM8701 Datasheet
119Kb / 14P
   DVD Player Clock Generator
SM8701BM NPC-SM8701BM Datasheet
119Kb / 14P
   DVD Player Clock Generator
SM8702AM NPC-SM8702AM Datasheet
155Kb / 16P
   Clock Generator IC
SM8703 NPC-SM8703 Datasheet
106Kb / 12P
   Clock Generator for MPEG2 System
SM8703AV NPC-SM8703AV Datasheet
106Kb / 12P
   Clock Generator for MPEG2 System
More results


Similar Description - SM8706AV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8703CV NPC-SM8703CV Datasheet
98Kb / 12P
   Clock Generator for DVD Players
logo
List of Unclassifed Man...
BU2362FV ETC1-BU2362FV Datasheet
57Kb / 2P
   Clock generator for DVD
logo
Nippon Precision Circui...
SM8701BM NPC-SM8701BM Datasheet
119Kb / 14P
   DVD Player Clock Generator
logo
Cirrus Logic
CS98100 CIRRUS-CS98100 Datasheet
1Mb / 60P
   DVD PROCESSOR FOR LOW COST DVD PLAYERS
logo
Rohm
BA5956FM ROHM-BA5956FM_1 Datasheet
147Kb / 6P
   Power Driver For DVD Players
BA5956FM ROHM-BA5956FM Datasheet
335Kb / 7P
   Power Driver For DVD Players
logo
Panasonic Semiconductor
MN2DS0003 PANASONIC-MN2DS0003 Datasheet
91Kb / 4P
   Single-chip LSI for DVD players
logo
Rohm
BD8201FM ROHM-BD8201FM Datasheet
512Kb / 6P
   Power Driver For CD/DVD Players
logo
Minilogic Device Corpor...
ML58C88 MINILOGIC-ML58C88 Datasheet
453Kb / 10P
   CMOS BTL Drivers for DVD players
logo
Rohm
BA5815FM ROHM-BA5815FM Datasheet
228Kb / 2P
   5-channel driver for CD/DVD players
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com