Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC-03-LR-51CDFM Datasheet (PDF) - Source Photonics, Inc.

SPC-03-LR-51CDFM Datasheet PDF - Source Photonics, Inc.
Part # SPC-03-LR-51CDFM
Download  SPC-03-LR-51CDFM Download

File Size   268.39 Kbytes
Page   9 Pages
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.
Description Up to 80km transmission on SMF

SPC-03-LR-51CDFM Datasheet (PDF)

Go To PDF Page Download Datasheet
SPC-03-LR-51CDFM Datasheet PDF - Source Photonics, Inc.

Part # SPC-03-LR-51CDFM
Download  SPC-03-LR-51CDFM Click to download

File Size   268.39 Kbytes
Page   9 Pages
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.
Description Up to 80km transmission on SMF

SPC-03-LR-51CDFM Datasheet (HTML) - Source Photonics, Inc.

SPC-03-LR-51CDFM Datasheet HTML 1Page - Source Photonics, Inc. SPC-03-LR-51CDFM Datasheet HTML 2Page - Source Photonics, Inc. SPC-03-LR-51CDFM Datasheet HTML 3Page - Source Photonics, Inc. SPC-03-LR-51CDFM Datasheet HTML 4Page - Source Photonics, Inc. SPC-03-LR-51CDFM Datasheet HTML 5Page - Source Photonics, Inc. SPC-03-LR-51CDFM Datasheet HTML 6Page - Source Photonics, Inc. SPC-03-LR-51CDFM Datasheet HTML 7Page - Source Photonics, Inc. SPC-03-LR-51CDFM Datasheet HTML 8Page - Source Photonics, Inc. SPC-03-LR-51CDFM Datasheet HTML 9Page - Source Photonics, Inc.



Similar Part No. - SPC-03-LR-51CDFM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-03-LR-51CDA SOURCE-SPC-03-LR-51CDA Datasheet
497Kb / 9P
   155 Mbps CWDM SFP Transceiver
More results


Similar Description - SPC-03-LR-51CDFM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-03-ELR-XXCDFM SOURCE-SPC-03-ELR-XXCDFM Datasheet
246Kb / 9P
   Up to 100km transmission on SMF
SPL-34-GB-BD-XDFM SOURCE-SPL-34-GB-BD-XDFM Datasheet
281Kb / 10P
   Up to 40km transmission on SMF
SPP-10E-LR-EDFP SOURCE-SPP-10E-LR-EDFP Datasheet
443Kb / 7P
   Up to 1.4km transmission on SMF
SPL-35-03-EBX-IDFM SOURCE-SPL-35-03-EBX-IDFM Datasheet
284Kb / 9P
   Up to 20km point-point transmission on SMF
SPL-35-03-EBX-CDFM SOURCE-SPL-35-03-EBX-CDFM Datasheet
284Kb / 9P
   Up to 20km point-point transmission on SMF
logo
Level One
SFP-2280 LVL1-SFP-2280 Datasheet
3Mb / 1P
   125M SMF SFP Transceiver (80km, 1310nm, -40 to 85C)
logo
Source Photonics, Inc.
SPL-35-GB-BD-XDFM SOURCE-SPL-35-GB-BD-XDFM Datasheet
263Kb / 10P
   Up to 40km point-point transmission
SPL-45-MR-IR2-IDFM SOURCE-SPL-45-MR-IR2-IDFM Datasheet
279Kb / 10P
   Up to 40km point-point transmission
SPL-35-GB-BX-CDFM SOURCE-SPL-35-GB-BX-CDFM Datasheet
264Kb / 10P
   Up to 10km point-point transmission
logo
PHOENIX CONTACT
2902856 PHOENIX-2902856 Datasheet
151Kb / 6P
   Transmission ranges up to 36 km
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com