Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X4003M8-45A Datasheet (PDF) - Intersil Corporation

X4003M8-45A Datasheet PDF - Intersil Corporation
Part # X4003M8-45A
Download  X4003M8-45A Download

File Size   332.8 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CPU Supervisor

X4003M8-45A Datasheet (PDF)

Go To PDF Page Download Datasheet
X4003M8-45A Datasheet PDF - Intersil Corporation

Part # X4003M8-45A
Download  X4003M8-45A Click to download

File Size   332.8 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CPU Supervisor

X4003M8-45A Datasheet (HTML) - Intersil Corporation

Back Button X4003M8-45A Datasheet HTML 1Page - Intersil Corporation X4003M8-45A Datasheet HTML 2Page - Intersil Corporation X4003M8-45A Datasheet HTML 3Page - Intersil Corporation X4003M8-45A Datasheet HTML 4Page - Intersil Corporation X4003M8-45A Datasheet HTML 5Page - Intersil Corporation X4003M8-45A Datasheet HTML 6Page - Intersil Corporation X4003M8-45A Datasheet HTML 7Page - Intersil Corporation X4003M8-45A Datasheet HTML 8Page - Intersil Corporation X4003M8-45A Datasheet HTML 9Page - Intersil Corporation X4003M8-45A Datasheet HTML 10Page - Intersil Corporation Next Button 

X4003M8-45A Product details

These devices combine three popular functions; Power-on
Reset Control, Watchdog Timer and Supply Voltage
Supervision. This combination lowers system cost, reduces
board space requirements and increases reliability.
Applying power to the device activates the power-on reset
circuit which holds RESET/RESET active for a period of
time. This allows the power supply and oscillator to stabilize
before the processor can execute code.
The Watchdog Timer provides an independent protection
mechanism for microcontrollers. When the microcontroller
fails to restart a timer within a selectable time out interval,
the device activates the RESET/RESET signal. The user
selects the interval from three preset values. Once selected,
the interval does not change, even after cycling the power.
The device’s low VCC detection circuitry protects the user’s
system from low voltage conditions, resetting the system
when VCC falls below the minimum VCC trip point.
RESET/RESET is asserted until VCC returns to proper
operating level and stabilizes. Five industry standard VTRIP
thresholds are available; however, Intersil’s unique circuits
allow the threshold to be reprogrammed to meet custom
requirements, or to fine-tune the threshold for applications
requiring higher precision.

Features
• Selectable watchdog timer
- Select 200ms, 600ms, 1.4s, off
• Low VCC detection and reset assertion
- Five standard reset threshold voltages nominal 4.62V,
4.38V, 2.92V, 2.68V, 1.75V
- Adjust low VCC reset threshold voltage using special
programming sequence
- Reset signal valid to VCC = 1V
• Low power CMOS
- 12µA typical standby current, watchdog on
- 800nA typical standby current watchdog off
- 3mA active current
• 400kHz I2C interface
• 1.8V to 5.5V power supply operation
• Available packages
- 8 Ld SOIC
- 8 Ld MSOP
• Pb-free available (RoHS compliant)




Similar Part No. - X4003M8-45A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4003M8-4.5A INTERSIL-X4003M8-4.5A Datasheet
276Kb / 18P
   CPU Supervisor
logo
Renesas Technology Corp
X4003M8-4.5A RENESAS-X4003M8-4.5A Datasheet
692Kb / 16P
   CPU Supervisor
logo
Intersil Corporation
X4003M8-4.5A INTERSIL-X4003M8-4.5A Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
More results


Similar Description - X4003M8-45A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4003 INTERSIL-X4003 Datasheet
266Kb / 17P
   CPU Supervisor
X4003-05 INTERSIL-X4003-05 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
X5001 INTERSIL-X5001_06 Datasheet
305Kb / 20P
   CPU Supervisor
X5001 INTERSIL-X5001 Datasheet
275Kb / 18P
   CPU Supervisor
logo
Xicor Inc.
X5001 XICOR-X5001 Datasheet
100Kb / 19P
   CPU Supervisor
X4003 XICOR-X4003 Datasheet
378Kb / 18P
   CPU Supervisor
logo
Renesas Technology Corp
X4003 RENESAS-X4003 Datasheet
692Kb / 16P
   CPU Supervisor
logo
Intersil Corporation
X4003 INTERSIL-X4003_06 Datasheet
276Kb / 18P
   CPU Supervisor
logo
Renesas Technology Corp
X5001 RENESAS-X5001 Datasheet
789Kb / 20P
   CPU Supervisor
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com