Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D55V0F6B2LP37 Datasheet (PDF) - Diodes Incorporated

D55V0F6B2LP37 Datasheet PDF - Diodes Incorporated
Part # D55V0F6B2LP37
Download  D55V0F6B2LP37 Download

File Size   184.04 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 55V BIDIRECTIONAL TVS DIODE

D55V0F6B2LP37 Datasheet (PDF)

Go To PDF Page Download Datasheet
D55V0F6B2LP37 Datasheet PDF - Diodes Incorporated

Part # D55V0F6B2LP37
Download  D55V0F6B2LP37 Click to download

File Size   184.04 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 55V BIDIRECTIONAL TVS DIODE

D55V0F6B2LP37 Datasheet (HTML) - Diodes Incorporated

D55V0F6B2LP37 Datasheet HTML 1Page - Diodes Incorporated D55V0F6B2LP37 Datasheet HTML 2Page - Diodes Incorporated D55V0F6B2LP37 Datasheet HTML 3Page - Diodes Incorporated D55V0F6B2LP37 Datasheet HTML 4Page - Diodes Incorporated

D55V0F6B2LP37 Product details

Features
• Provides ESD Protection per IEC 61000-4-2 Standard:
   Air ±30kV, Contact ±25kV
• 1 Channel of ESD Protection
• Ideal for 60V MOSFET Protection
• High Peak Pulse Current per IEC 61000-4-5 Standard
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)




Similar Part No. - D55V0F6B2LP37

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D55V0M1B2WSQ DIODES-D55V0M1B2WSQ Datasheet
296Kb / 5P
   55V BIDIRECTIONAL TVS DIODE
D55V0M1B2WSQ-7 DIODES-D55V0M1B2WSQ-7 Datasheet
296Kb / 5P
   55V BIDIRECTIONAL TVS DIODE
More results


Similar Description - D55V0F6B2LP37

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D55V0M1B2WSQ DIODES-D55V0M1B2WSQ Datasheet
296Kb / 5P
   55V BIDIRECTIONAL TVS DIODE
logo
Yea Shin Technology Co....
YSDAXX11CDN YEASHIN-YSDAXX11CDN Datasheet
795Kb / 3P
   BIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SDA3611CDN LEIDITECH-SDA3611CDN Datasheet
154Kb / 3P
   BIDIRECTIONAL TVS DIODE
ESDA05CW LEIDITECH-ESDA05CW Datasheet
490Kb / 3P
   BIDIRECTIONAL TVS DIODE
ESD5Z5C LEIDITECH-ESD5Z5C Datasheet
198Kb / 3P
   Bidirectional TVS Diode
ESDA05CC LEIDITECH-ESDA05CC Datasheet
341Kb / 3P
   Bidirectional TVS Diode
ESDA33CT30 LEIDITECH-ESDA33CT30 Datasheet
327Kb / 3P
   Bidirectional TVS Diode
MY05ESD1 LEIDITECH-MY05ESD1 Datasheet
510Kb / 3P
   BIDIRECTIONAL TVS DIODE
SDA2411CBP LEIDITECH-SDA2411CBP Datasheet
437Kb / 3P
   BIDIRECTIONAL TVS DIODE
SD33C LEIDITECH-SD33C Datasheet
1Mb / 5P
   BIDIRECTIONAL TVS DIODE
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com