Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL23EP08ZC-1HT Datasheet (PDF) - Silicon Laboratories

SL23EP08ZC-1HT Datasheet PDF - Silicon Laboratories
Part # SL23EP08ZC-1HT
Download  SL23EP08ZC-1HT Download

File Size   227.47 Kbytes
Page   15 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer

SL23EP08ZC-1HT Datasheet (PDF)

Go To PDF Page Download Datasheet
SL23EP08ZC-1HT Datasheet PDF - Silicon Laboratories

Part # SL23EP08ZC-1HT
Download  SL23EP08ZC-1HT Click to download

File Size   227.47 Kbytes
Page   15 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer

SL23EP08ZC-1HT Datasheet (HTML) - Silicon Laboratories

Back Button SL23EP08ZC-1HT Datasheet HTML 1Page - Silicon Laboratories SL23EP08ZC-1HT Datasheet HTML 2Page - Silicon Laboratories SL23EP08ZC-1HT Datasheet HTML 3Page - Silicon Laboratories SL23EP08ZC-1HT Datasheet HTML 4Page - Silicon Laboratories SL23EP08ZC-1HT Datasheet HTML 5Page - Silicon Laboratories SL23EP08ZC-1HT Datasheet HTML 6Page - Silicon Laboratories SL23EP08ZC-1HT Datasheet HTML 7Page - Silicon Laboratories SL23EP08ZC-1HT Datasheet HTML 8Page - Silicon Laboratories SL23EP08ZC-1HT Datasheet HTML 9Page - Silicon Laboratories SL23EP08ZC-1HT Datasheet HTML 10Page - Silicon Laboratories Next Button 

SL23EP08ZC-1HT Product details

Description
The SL23EP08 is a low skew, low jitter and low power Zero Delay Buffer (ZDB) designed to produce up to nine (9) clock outputs from one (1) reference input clock, for high speed clock distribution applications.

Key Features
• 10 to 220 MHz operating frequency range
• Low output clock skew: 45ps-typ
• Low output clock jitter:
    - 25 ps-typ cycle-to-cycle jitter
    - 15 ps-typ period jitter
• Low part-to-part output skew: 90 ps-typ
• Wide 2.5 V to 3.3 V power supply range
• Low power dissipation:
    - 20 mA-max at 66 MHz and VDD=3.3 V
    - 18 mA-max at 66 MHz and VDD=2.5V
• One input drives 8 outputs
• Multiple configurations and drive options
• Select mode to bypass PLL or tri-state outputs
• SpreadThru™ PLL that allows use of SSCG
• Available in 16-pin SOIC and TSSOP packages
• Available in Commercial and Industrial grades

Benefits
• Up to eight (8) distribution of input clock
• Standard and High-Dirive levels to control impedance level, frequency range and EMI
• Low power dissipation, jitter and skew
• Low cost

Applications
• Printers, MFPs and Digital Copiers
• PCs and Work Stations
• Routers, Switchers and Servers
• Datacom and Telecom
• High-SpeedDigital Embeded Systems




Similar Part No. - SL23EP08ZC-1HT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL23EP08ZC-1HT SPECTRALINEAR-SL23EP08ZC-1HT Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results


Similar Description - SL23EP08ZC-1HT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
logo
Silicon Laboratories
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com