Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5819S Datasheet (PDF) - Shunye Enterprise

1N5819S Datasheet PDF - Shunye Enterprise
Part # 1N5819S
Download  1N5819S Download

File Size   989.57 Kbytes
Page   2 Pages
Manufacturer  SHUNYE [Shunye Enterprise]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shunye Enterprise
Description SCHOTTKY BARRIER RECTIFIER

1N5819S Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5819S Datasheet PDF - Shunye Enterprise

Part # 1N5819S
Download  1N5819S Click to download

File Size   989.57 Kbytes
Page   2 Pages
Manufacturer  SHUNYE [Shunye Enterprise]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shunye Enterprise
Description SCHOTTKY BARRIER RECTIFIER

1N5819S Datasheet (HTML) - Shunye Enterprise

1N5819S Datasheet HTML 1Page - Shunye Enterprise 1N5819S Datasheet HTML 2Page - Shunye Enterprise

1N5819S Product details

Reverse Voltage - 20 to 40Volts Forward Current - 1.0 Ampere

FEATURES
◆ Plastic package has Underwriters Laboratory
   Flammability Classification 94V-0
◆ Metal silicon junction,majority carrier conduction
◆ Guardring for overvoltage protection
◆ Low power loss,high efficiency
◆ High current capability,low forward voltage drop
◆ High surge capability
◆ For use in low voltage,high frequency inverters,
   free wheeling,and polarity protection applications
◆ High temperature soldering guaranteed:
   250 °C/10 seconds,0.375”(9.5mm) lead length,
   5 lbs. (2.3kg) tension




Similar Part No. - 1N5819S

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
1N5819S BILIN-1N5819S Datasheet
52Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Changzhou Shunye Electr...
1N5819S SY-1N5819S Datasheet
989Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
1N5819S CHENDA-1N5819S Datasheet
624Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Diode Semiconductor Kor...
1N5819S DSK-1N5819S Datasheet
242Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Chongqing Pingwei Enter...
1N5819S CHONGQING-1N5819S Datasheet
177Kb / 1P
   1.0AMP. SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - 1N5819S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com