Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS441RS Datasheet (PDF) - Infineon Technologies AG

BTS441RS Datasheet PDF - Infineon Technologies AG
Part # BTS441RS
Download  BTS441RS Download

File Size   226.17 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Smart Highside Power Switch One Channel: 20m??Status Feedback

BTS441RS Datasheet (PDF)

Go To PDF Page Download Datasheet
BTS441RS Datasheet PDF - Infineon Technologies AG

Part # BTS441RS
Download  BTS441RS Click to download

File Size   226.17 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Smart Highside Power Switch One Channel: 20m??Status Feedback

BTS441RS Datasheet (HTML) - Infineon Technologies AG

Back Button BTS441RS Datasheet HTML 1Page - Infineon Technologies AG BTS441RS Datasheet HTML 2Page - Infineon Technologies AG BTS441RS Datasheet HTML 3Page - Infineon Technologies AG BTS441RS Datasheet HTML 4Page - Infineon Technologies AG BTS441RS Datasheet HTML 5Page - Infineon Technologies AG BTS441RS Datasheet HTML 6Page - Infineon Technologies AG BTS441RS Datasheet HTML 7Page - Infineon Technologies AG BTS441RS Datasheet HTML 8Page - Infineon Technologies AG BTS441RS Datasheet HTML 9Page - Infineon Technologies AG BTS441RS Datasheet HTML 10Page - Infineon Technologies AG Next Button 



Similar Part No. - BTS441RS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS441RG INFINEON-BTS441RG Datasheet
1Mb / 16P
   Smart Power High-Side-Switch
Rev. 1.21, 2012-12-06
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS441R INFINEON-BTS441R_09 Datasheet
340Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.1, 2009-01-30
More results


Similar Description - BTS441RS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS441T INFINEON-BTS441T Datasheet
216Kb / 11P
   Smart Highside Power Switch One Channel: 20m?
2003-Oct-01
BTS436L2 INFINEON-BTS436L2 Datasheet
261Kb / 12P
   Smart High-Side Power Switch One Channel: 38m??Status Feedback
2003-Oct-01
BTS428L2 INFINEON-BTS428L2 Datasheet
240Kb / 13P
   Smart High-Side Power Switch One Channel: 60m??Status Feedback
2003-Oct-01
logo
Siemens Semiconductor G...
BTS428L2 SIEMENS-BTS428L2 Datasheet
88Kb / 12P
   Smart High-Side Power Switch One Channel:60m-ohm Status Feedback
BTS611L1 SIEMENS-BTS611L1 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch
logo
Infineon Technologies A...
BTS611L1 INFINEON-BTS611L1 Datasheet
312Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com