Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR154 Datasheet (PDF) - Shanghai Shunye Electronics Co.,Ltd.

FR154 Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.
Part # FR154
Download  FR154 Download

File Size   233.65 Kbytes
Page   2 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description FAST RECOVERY RECTIFIERS

FR154 Datasheet (PDF)

Go To PDF Page Download Datasheet
FR154 Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.

Part # FR154
Download  FR154 Click to download

File Size   233.65 Kbytes
Page   2 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description FAST RECOVERY RECTIFIERS

FR154 Datasheet (HTML) - Shanghai Shunye Electronics Co.,Ltd.

FR154 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. FR154 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.

FR154 Product details

Reverse Voltage - 50 to 1000 Volts Forward Current - 1.5 Amperes

FEATURES
♦ The plastic package carries Underwriters Laboratory
   Flammability Classification 94V-0
♦ Fast switching for high efficiency
♦ Low reverse leakage
♦ High forward surge current capability
♦ High temperature soldering guaranteed: 250°C/10 seconds,0.375”(9.5mm)
   lead length, 5 lbs. (2.3kg) tension




Similar Part No. - FR154

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FR154 GULFSEMI-FR154 Datasheet
466Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
logo
Won-Top Electronics
FR154 WTE-FR154 Datasheet
46Kb / 3P
   1.5A FAST RECOVERY RECTIFIER
logo
Microdiode Electronics ...
FR154 CHENDA-FR154 Datasheet
588Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR154 SMC-FR154 Datasheet
175Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
FR154 LRC-FR154 Datasheet
50Kb / 2P
   1.5A FAST RECOVERY DIODES
More results


Similar Description - FR154

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com