Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTF210301A Datasheet (PDF) - Infineon Technologies AG

PTF210301A Datasheet PDF - Infineon Technologies AG
Part # PTF210301A
Download  PTF210301A Download

File Size   337.85 Kbytes
Page   8 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description LDMOS RF Power Field Effect Transistor 30 W, 2110-2170 MHz

PTF210301A Datasheet (PDF)

Go To PDF Page Download Datasheet
PTF210301A Datasheet PDF - Infineon Technologies AG

Part # PTF210301A
Download  PTF210301A Click to download

File Size   337.85 Kbytes
Page   8 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description LDMOS RF Power Field Effect Transistor 30 W, 2110-2170 MHz

PTF210301A Datasheet (HTML) - Infineon Technologies AG

PTF210301A Datasheet HTML 1Page - Infineon Technologies AG PTF210301A Datasheet HTML 2Page - Infineon Technologies AG PTF210301A Datasheet HTML 3Page - Infineon Technologies AG PTF210301A Datasheet HTML 4Page - Infineon Technologies AG PTF210301A Datasheet HTML 5Page - Infineon Technologies AG PTF210301A Datasheet HTML 6Page - Infineon Technologies AG PTF210301A Datasheet HTML 7Page - Infineon Technologies AG PTF210301A Datasheet HTML 8Page - Infineon Technologies AG

PTF210301A Product details

Description
The PTF210301 is a 30 W, internally matched GOLDMOS FET intended for WCDMA applications from 2110 to 2170 MHz. Full gold metallization ensures excellent device lifetime and reliability.

Features
• Broadband internal matching
• Typical two–carrier WCDMA performance
   - Average output power = 7.0 W
   - Gain = 16 dB
   - Efficiency = 25%
   - IM3 = –37 dBc
• Typical CW performance
   - Output power at P–1dB = 36 W
   - Gain = 15 dB
   - Efficiency = 53%
• Integrated ESD protection: Human Body
   Model, Class 1 (minimum)
• Excellent thermal stability
• Low HCI drift
• Capable of handling 10:1 VSWR @ 28 V,
   30 W (CW) output power




Similar Part No. - PTF210301A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF210101M INFINEON-PTF210101M Datasheet
276Kb / 8P
   High Power RF LDMOS Field Effect Transistor 10 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
logo
Tyco Electronics
PTF21024 MACOM-PTF21024 Datasheet
199Kb / 3P
   Miniature Power Relay
PTF21024 MACOM-PTF21024 Datasheet
261Kb / 3P
   Miniature Power Relay PTF
logo
Infineon Technologies A...
PTF210451 INFINEON-PTF210451 Datasheet
406Kb / 8P
   LDMOS RF Power Field Effect Transistor 45 W, 2110-2170 MHz
2003-12-22
PTF210451E INFINEON-PTF210451E Datasheet
406Kb / 8P
   LDMOS RF Power Field Effect Transistor 45 W, 2110-2170 MHz
2003-12-22
More results


Similar Description - PTF210301A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF210901 INFINEON-PTF210901 Datasheet
266Kb / 8P
   LDMOS RF Power Field Effect Transistor 90 W, 2110-2170 MHz
2004-01-16
PTF211301 INFINEON-PTF211301 Datasheet
449Kb / 9P
   LDMOS RF Power Field Effect Transistor 130 W, 2110-2170 MHz
2004-01-02
PTF211802 INFINEON-PTF211802 Datasheet
169Kb / 8P
   LDMOS RF Power Field Effect Transistor 180 W, 2110-2170 MHz
2004-02-13
PTF210451 INFINEON-PTF210451 Datasheet
406Kb / 8P
   LDMOS RF Power Field Effect Transistor 45 W, 2110-2170 MHz
2003-12-22
PTFB213004F INFINEON-PTFB213004F_16 Datasheet
740Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
Rev. 05.3, 2016-06-15
PTF210101M INFINEON-PTF210101M Datasheet
276Kb / 8P
   High Power RF LDMOS Field Effect Transistor 10 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
logo
Cree, Inc
PTFB213004F CREE-PTFB213004F Datasheet
528Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
logo
Infineon Technologies A...
PTFB213004F INFINEON-PTFB213004F Datasheet
674Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110-2170 MHz
Rev. 05.2, 2010-12-09
logo
Tyco Electronics
MAPLST2122-030CF MACOM-MAPLST2122-030CF Datasheet
162Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 30W, 28V
MAPLST2122-060CF MACOM-MAPLST2122-060CF Datasheet
172Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 60W, 28V
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com