Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03P4MG Datasheet (PDF) - Kersemi Electronic Co., Ltd.

03P4MG Datasheet PDF - Kersemi Electronic Co., Ltd.
Part # 03P4MG
Download  03P4MG Download

File Size   1088.27 Kbytes
Page   5 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description Employs flame-retardant epoxy resin

03P4MG Datasheet (PDF)

Go To PDF Page Download Datasheet
03P4MG Datasheet PDF - Kersemi Electronic Co., Ltd.

Part # 03P4MG
Download  03P4MG Click to download

File Size   1088.27 Kbytes
Page   5 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description Employs flame-retardant epoxy resin

03P4MG Datasheet (HTML) - Kersemi Electronic Co., Ltd.

03P4MG Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. 03P4MG Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. 03P4MG Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. 03P4MG Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. 03P4MG Datasheet HTML 5Page - Kersemi Electronic Co., Ltd.

03P4MG Product details

DESCRIPTION

The 03P4MG and 03P6MG are P-gate fully diffused mold SCRs with an average on-state current of 300 mA. The repeat peak off-state voltages (and reverse voltages) are 400 and 600 V.



FEATURES

•400 and 600 V high-withstanding-voltage series of products

•The non-repetitive withstanding voltage is a high 700 V, making it easy to harmonize the rise voltage of the surge absorber.

•High-sensitivity thyristor (IGT= 3 to 50 µA)

•Employs flame-retardant epoxy resin (UL94V-0)



APPLICATIONS

Leakage breakers, SSRs, various type of alarms, consumer electronic equipments and automobile electronic components



Similar Part No. - 03P4MG

ManufacturerPart #DatasheetDescription
logo
NEC
03P4MG NEC-03P4MG Datasheet
155Kb / 6P
   300 mA HIGH-WITHSTANDING-VOLTAGE MOLD SCR
logo
Renesas Technology Corp
03P4MG RENESAS-03P4MG Datasheet
320Kb / 8P
   THYRISTORS
2002
More results


Similar Description - 03P4MG

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
2S2M KERSEMI-2S2M Datasheet
1Mb / 4P
   Employs flame-retardant epoxy resin
3P4MH KERSEMI-3P4MH Datasheet
922Kb / 4P
   Employs flame-retardant epoxy resin UL94V-0
logo
T-Global Technology
TG-LH-FBPE-80U-1 TGLOBAL-TG-LH-FBPE-80U-1 Datasheet
513Kb / 1P
   Flame Retardant Potting Epoxy
logo
jb Capacitors Company
JFC JBCAPACITORS-JFC Datasheet
251Kb / 1P
   Non-inductive, coated with epoxy resin or flame retardant epoxy power
logo
Suntan Capacitors
TS02A SUNTAN-TS02A_17 Datasheet
256Kb / 1P
   NON-INDUCTIVE, COATED WITH EPOXY RESIN OR FLAME RETARDANT EPOXY POWER
logo
Panasonic Semiconductor
ECQ-E6394JF PANASONIC-ECQ-E6394JF Datasheet
352Kb / 19P
   Non-inductive construction using metallized Polyester film with flame retardant epoxy resin coating
logo
List of Unclassifed Man...
1591GFLBK ETC2-1591GFLBK Datasheet
235Kb / 1P
   FLAME RETARDANT ABS
logo
Panasonic Semiconductor
ECQ-E4564KF PANASONIC-ECQ-E4564KF Datasheet
352Kb / 19P
   Non-inductive construction using metallized Polyester film with flame retardant epoxy resin coating
logo
3M Electronics
2131 3M-2131 Datasheet
39Kb / 4P
   3M??Scotchcast??Flame-Retardant Electrical Insulating Resin 2131
logo
Ohmite Mfg. Co.
RES-MX OHMITE-RES-MX Datasheet
140Kb / 1P
   Flame retardant silicone
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com